Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N9260 Datasheet(PDF) 3 Page - STMicroelectronics

Part # N9260
Description  High voltage fast-switching PNP power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

N9260 Datasheet(HTML) 3 Page - STMicroelectronics

  N9260 Datasheet HTML 1Page - STMicroelectronics N9260 Datasheet HTML 2Page - STMicroelectronics N9260 Datasheet HTML 3Page - STMicroelectronics N9260 Datasheet HTML 4Page - STMicroelectronics N9260 Datasheet HTML 5Page - STMicroelectronics N9260 Datasheet HTML 6Page - STMicroelectronics N9260 Datasheet HTML 7Page - STMicroelectronics N9260 Datasheet HTML 8Page - STMicroelectronics N9260 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STN9260
Electrical characteristics
Doc ID 18326 Rev 2
3/10
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE = 0)
VCE = -600 V
-10
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = -7 V
-1
µA
VCE(sus)
(1)
1.
Pulse test: pulse duration
≤ 300 µs, duty cycle ≤ 2 %.
Collector-emitter
sustaining voltage
(IB = 0)
IC = -10 mA
-600
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = -100 mA
IB = -10 mA
-1
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = -100 mA
IB = -10 mA
-1
V
hFE
DC current gain
IC = -10 mA
VCE = -5 V
IC = -20 mA
VCE = -5 V
50
140
tr
ts
tf
Resistive load
Rise time
Storage time
Fall time
VCC=-200 V, IC=-0.1 A
IB1=-10 mA, IB2=20 mA
Tp=30 µs
200
3.2
150
ns
µs
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com