Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N9260 Datasheet(PDF) 5 Page - STMicroelectronics

Part # N9260
Description  High voltage fast-switching PNP power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

N9260 Datasheet(HTML) 5 Page - STMicroelectronics

  N9260 Datasheet HTML 1Page - STMicroelectronics N9260 Datasheet HTML 2Page - STMicroelectronics N9260 Datasheet HTML 3Page - STMicroelectronics N9260 Datasheet HTML 4Page - STMicroelectronics N9260 Datasheet HTML 5Page - STMicroelectronics N9260 Datasheet HTML 6Page - STMicroelectronics N9260 Datasheet HTML 7Page - STMicroelectronics N9260 Datasheet HTML 8Page - STMicroelectronics N9260 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STN9260
Electrical characteristics
Doc ID 18326 Rev 2
5/10
Figure 8.
Collector-emitter saturation voltage Figure 9.
Base-emitter saturation voltage
Figure 10.
Base-emitter on voltage
Figure 11.
Capacitance variation
Figure 12.
Reverse biased safe operating area
AM10060v1
0
0.1
0.2
0.3
0.4
0.5
0.6
0
100
200
300
400
500
600
700
800
Vce[V]
hfe=2
Vbeoff= -5V
Rbb=0 Ω
L=1mH
Tj≤ 125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com