Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2031-15T-SM-RPLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2031-15T-SM-RPLF
Description  2031-xxT-SM Series - Miniature 2-Pole Gas Discharge Tube
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2031-15T-SM-RPLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2031-15T-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2031-15T-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ Fast acting
■ Small size
■ Stable breakdown throughout life
■ Designed to operate with TBU® devices
■ RoHS compliant* versions available
■ UL Recognition pending
Applications
■ Telecommunications
■ Industrial electronics
■ Avionics
Characteristics
2031-xxT-SM Series - Miniature 2-Pole Gas Discharge Tube
“TBU” is a registered trademark of Bourns, Inc. in the U.S., Taiwan and European Community.
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Characteristic
Model No.
2031-15T
2031-23T
2031-42T
Minimum DC Sparkover (100 V/s)
Throughout Service Life
60 V
185 V
360 V
Maximum Impulse Sparkover (5k V 1.2/50 µs)
Throughout Service Life
500 V
650 V
850 V
Insulation Resistance (IR) ....................................... 50 / 100 V............................................................................... > 109
Ω
Glow Voltage .......................................................... 10 mA..................................................................................... ~ 70 V
Arc Voltage ............................................................. >1 A........................................................................................ ~ 10 V
Glow-Arc Transition Current ................................................................................................................................... < 0.5 A
Capacitance ........................................................... 1 MHz..................................................................................... < 1 pF
DC Holdover Voltage (Network Applied per ITU-T K.12)
2031-15T ........................................................... 52 V ....................................................................................... < 150 ms
2031-23T ........................................................... 80 V ....................................................................................... < 150 ms
2031-42T ........................................................... 135 V ..................................................................................... < 150 ms
Service Life............................................................. 8/20 µs, 1 kA .......................................................................... 2 operations
10/1000 µs, 1 kV, 100 A ........................................................ 50 operations
2/10 µs, 5 kV, 500 A ............................................................... 20 operations
10/700 µs, 6 kV, 150 A ........................................................... 10 operations
8/20 µs 250 A, 1.2/50, 500 V (IEC61643-21) ......................... 150 operations
600 V rms, 1 A, 0.2 s.............................................................. 5 operations
Operating and Storage Temperature,
Climatic Category (IEC 6068-1) 40 / 90 / 21 .......................................................................................................... -40 to +90 °C
Notes:
Surge polarity should be reversed between consecutive surges. (+-+-).
• At delivery AQL 0.65 Level II, DIN ISO 2859.
Port Protection
GDT Device P/N
TBU® Device P/N
CanBus
2031-23T-SM-RPLF
TBU-CA065-100-WH
RS232
2031-23T-SM-RPLF
TBU-CA065-200-WH
RS422
2031-23T-SM-RPLF
TBU-CA065-200-WH
RS485
2031-23T-SM-RPLF
TBU-CA065-200-WH
RS485
2031-42T-SM-RPLF
TBU-CA085-200-WH
SDI
2031-23T-SM-RPLF
TBU-CA065-100-WH
VDSL
2031-15T-SM-RPLF
TBU-CA050-500-WH
Applications


Similar Part No. - 2031-15T-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2031-15T-SM-RPLF BOURNS-2031-15T-SM-RPLF Datasheet
236Kb / 2P
Miniature 2-Pole Gas Discharge Tube
2031-15T-SM-RPLF BOURNS-2031-15T-SM-RPLF Datasheet
309Kb / 2P
Miniature 2-Pole Gas Discharge Tube
2031-15T-SM-RPLF BOURNS-2031-15T-SM-RPLF Datasheet
309Kb / 2P
Miniature 2-Pole Gas Discharge Tube
More results

Similar Description - 2031-15T-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2031-23T-SM-RPLF BOURNS-2031-23T-SM-RPLF Datasheet
236Kb / 2P
Miniature 2-Pole Gas Discharge Tube
2031-23T-SM-RPLF BOURNS-2031-23T-SM-RPLF_11 Datasheet
235Kb / 2P
Miniature 2-Pole Gas Discharge Tube
2030-23T-SM-RPLF BOURNS-2030-23T-SM-RPLF Datasheet
322Kb / 3P
2030-xxT-SM Series - Fast Acting 3-Electrode Miniature Gas Discharge Tube
2037-09-BLF BOURNS-2037-09-BLF Datasheet
323Kb / 2P
2035/2037 Series - Miniature 2-Pole Gas Discharge Tube
2035-09-B5LF BOURNS-2035-09-B5LF Datasheet
323Kb / 2P
2035/2037 Series - Miniature 2-Pole Gas Discharge Tube
2031-42T-SMLF BOURNS-2031-42T-SMLF_15 Datasheet
309Kb / 2P
Miniature 2-Pole Gas Discharge Tube
2027-07 BOURNS-2027-07_15 Datasheet
336Kb / 2P
2-Pole Gas Discharge Tube
2035-2037-09 BOURNS-2035-2037-09_15 Datasheet
416Kb / 2P
Miniature 2-Pole Gas Discharge Tube
2036-07 BOURNS-2036-07_16 Datasheet
426Kb / 3P
Miniature 3-Pole Gas Discharge Tube
2031-XXT BOURNS-2031-XXT Datasheet
309Kb / 2P
Miniature 2-Pole Gas Discharge Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com