Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2031-15T-SM-RPLF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2031-15T-SM-RPLF
Description  2031-xxT-SM Series - Miniature 2-Pole Gas Discharge Tube
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2031-15T-SM-RPLF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2031-15T-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2031-15T-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2031 - xxT - SM - RP LF
Model Number Designator
Voltage
15 = 60 V
23 = 185 V
42 = 360 V
Surface Mount
Packaging Options
Blank = Bulk Packaging - 250 pcs./bag (Standard)
RP = Reelpack - 1,500 pcs./reel (Optional)
RP3 = Reelpack - 1,000 pcs./reel (Optional)
RoHS Compliant Option
Blank = Standard Product
LF = RoHS Compliant Product
How to Order
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
2031-xxT-SM Series - Miniature 2-Pole Gas Discharge Tube
Product Dimensions
REV. C 05/11
DIMENSIONS:
MM
(INCHES)
Packaging Specifications
The Model 2031-xxT-SM ships standard bulk pack,
250 pieces per bag; 1000 pieces per box.
-RP
The optional -RP reelpack contains 1,500 pieces per reel.
Reel is 13 inches in diameter and 3/4 inch wide.
Recommended Pad Layout
4.4
(.173)
4.8
(.190)
DIA.
5.0
(.195)
3.9
(.155)
1.3
(.050)
5.6
(.220)
-RP3
The optional -RP3 reelpack contains 1,000 pieces per reel.
Reel is 13 inches in diameter and 11/16 inch wide.
4.00
(.158)
2.00
(.079)
8.00
(.315)
16.0
(.63)
1.75
(.069)
7.5
(.30)
12.00
(.473)
4.00
(.158)
12.00 ± 1.27
(.473 ± .050)
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com