Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLR-342VR Datasheet(PDF) 2 Page - Rohm

Part # SLR-342VR
Description  Viewing angle 2 1/2 : 40 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-342VR Datasheet(HTML) 2 Page - Rohm

  SLR-342VR Datasheet HTML 1Page - Rohm SLR-342VR Datasheet HTML 2Page - Rohm SLR-342VR Datasheet HTML 3Page - Rohm SLR-342VR Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
10
1.0
0.1
1.5
1.0
2.0
2.5
3.0
50
FORWARD VOLTAGE:VF (V)
Ta=25°C
1.4
1.2
1.0
0.8
0.6
0.4
ATMOSPHERE TEMPERATURE:Ta (°C)
-40 -20
0
20
40
60
80 100
IF=10mA
Ta=25°C
10
1.0
0.1
1
10
100
0.1
FORWARD CURRENT:IF (mA)
20
10
0
20
30
40
50
60
70
80
90
30
AMBIENT TEMPERATURE:Ta (
°C)
■
■
■
■
■SLR-342VC
■SLR-342VR
■SLR-342DC
■SLR-342DU
■SLR-342YC
■SLR-342YY
■SLR-342MC
■SLR-342MG
■
■
■SLR-342VC
■SLR-342VR
■SLR-342DC
■SLR-342DU
■SLR-342YC
■SLR-342YY
■SLR-342MC
■SLR-342MG
■
■
■
■
■SLR-342VC
■SLR-342VR
■SLR-342DC
■SLR-342DU
■SLR-342YC
■SLR-342YY
■SLR-342MC
■SLR-342MG
■
■
■SLR-342VC
■SLR-342VR
■SLR-342DC
■SLR-342DU
■SLR-342YC
■SLR-342YY
■SLR-342MC
■SLR-342MG
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SLR-342 Series
2/3
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.12 - Rev.A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com