Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLR-342VR Datasheet(PDF) 1 Page - Rohm

Part # SLR-342VR
Description  Viewing angle 2 1/2 : 40 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-342VR Datasheet(HTML) 1 Page - Rohm

  SLR-342VR Datasheet HTML 1Page - Rohm SLR-342VR Datasheet HTML 2Page - Rohm SLR-342VR Datasheet HTML 3Page - Rohm SLR-342VR Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
(2.5)
□0.4
Cathode
φ3.8
φ3.1
2.5 or 5.0
2.0
1.0 ±0.1
Tolerance : ±0.2
(unit : mm)
(unit : mm)
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta=25℃)
Electrical and Optical Characteristics (Ta=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(℃)
Storage
Temperature
Tstg(℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength Luminous Intensity IV
Typ.(V) IF(mA)
Max.
(μA) V
R
(V)
λD
Typ.(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd) I
F
(mA)
■ SLR-342VC
GaAsP
on GaP
Red
60
20
60*
3
-25 to +85
-30 to +100
2.0
10
10
3
630
10
9.0
25
10
■ SLR-342DC
Orange
605
■ SLR-342YC
Yellow
2.1
587
5.6
16
■ SLR-342MC
GaP
Yellowish
Green
75
25
572
9.0
25
■ SLR-342VR
GaAsP
on GaP
Red
60
20
2.0
630
5.6
16
■ SLR-342DU
Orange
605
■ SLR-342YY
Yellow
2.1
587
3.6
10
■ SLR-342MG
GaP
Yellowish
Green
75
25
572
5.6
16
Viewing angle 2θ 1/2 /
40 : Standard
*:Duty1/5, 200Hz
*SLR-342 series are only available as formed lead types. SLR-343 series are recommended for bulk, and straight lead types.
0
50
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
RELATIVE INTENSITY (%)
Angular Displacement (deg)
Directivity (deg)
Diffused
Clear
Specifications
Dimensions
Recommended Solder Pattern
Viewing Angle
1/3
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.12 - Rev.A
Features
・Viewing angle 2θ 1/2 : 40
Color
Type
V
D
Y
M
SLR-342 Series


Similar Part No. - SLR-342VR

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-342VR ROHM-SLR-342VR Datasheet
130Kb / 3P
3.1(T-1) Circular Type Standard Type
SLR-342VR ROHM-SLR-342VR Datasheet
878Kb / 4P
SLR-342 Series
SLR-342VR ROHM-SLR-342VR Datasheet
123Kb / 3P
?3.1(T-1) Circular Type Standard Type
SLR-342VR ROHM-SLR-342VR Datasheet
878Kb / 4P
ROHM Customer Support System
SLR-342VR ROHM-SLR-342VR Datasheet
878Kb / 4P
Rank Reference of Brightness
More results

Similar Description - SLR-342VR

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-325VC ROHM-SLR-325VC Datasheet
122Kb / 3P
Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLR-56MC3F ROHM-SLR-56MC3F Datasheet
899Kb / 4P
Viewing angle 2 1/2 : 40
SLI-343UR3F ROHM-SLI-343UR3F Datasheet
139Kb / 4P
Viewing angle 20 1/2 40
SLR-342MG3F ROHM-SLR-342MG3F Datasheet
878Kb / 4P
Viewing angle 20 1/2 40
SLR-343MGT32 ROHM-SLR-343MGT32 Datasheet
167Kb / 6P
Viewing angle 20 1/2 40
SLR-342VRT32 ROHM-SLR-342VRT32 Datasheet
810Kb / 5P
Viewing angle 20 1/2 40
SLR-56MGT32 ROHM-SLR-56MGT32 Datasheet
899Kb / 4P
Viewing angle 20 1/2 40
SLI-343D8U3F ROHM-SLI-343D8U3F Datasheet
145Kb / 4P
Viewing angle 2 1/2 40
SLR-332VRT32 ROHM-SLR-332VRT32 Datasheet
868Kb / 4P
Viewing angle 2 1/2 85
SLR-56VC3F ROHM-SLR-56VC3F Datasheet
1Mb / 8P
Viewing angle 20 1/2 40
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com