Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

219-4LPST Datasheet(PDF) 2 Page - CTS Corporation

Part # 219-4LPST
Description  Surface Mount DIP Switch ??Auto Placeable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

219-4LPST Datasheet(HTML) 2 Page - CTS Corporation

  219-4LPST Datasheet HTML 1Page - CTS Corporation 219-4LPST Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CTS SERIES 219 SMT CONTACT FEATURES
Ordering Information
219
12 LP S
T
J
XX: NO. OF POSITIONS
E: EXTENDED HEIGHT ACTUATOR(0.60mm/.024")
M: MEDIUM HEIGHT ACTUATOR(0.25mm/.010")
LP: LOW PROFILE ACTUATOR(Flush)
* T : TOP TAPE SEAL
S: BOTTOM SEAL
F: SHIP AT OFF POSITION
BLANK: SHIP AT ON POSITION
J: "J" BEND TERMINAL
Gull Wing Terminals
Medium Height Actuator
Gull Wing Surface Mount Pad Layouts
"J" Bend Terminals
Low Profile Actuator
1. Value of Redundant (Bifurcated) Gold Plated Contacts:Redundancy
dramatically reduces the probability of contact failure while gold contact material
provides the highest environmental protection, IMPROVING RELIABILITY.
2. Value of Wiping Contact Action: Clean contact area, IMPROVING RELIABILITY.
3. Value of Contactor Not Deflecting During Actuation:Constant contact pressure
eliminates overstressing contacts, IMPROVING RELIABILITY.
4. Value of Detent Separate from Contactor: Separate detent allows optimization
of nondeflecting contactor and detent designs, IMPROVING RELIABILITY.
DIMENSION:
mm
inch
"A"
No. of
Overall
Switch
Dimension
positions
6.55/.258
2
9.09/.358
3
11.63/.458
4
14.17/.558
5
16.71/.658
6
19.25/.758
7
21.79/.858
8
24.33/.958
9
26.87/1.058
10
31.95/1.258
12
R
R: TAPE AND REEL PACKAGING
F
.050
.335
MAX
6.73
.265
2.54
.100 TYP.
1.13
.044
TYP.
.350
8.89
4.57
.180
0.70
.028
TRAVEL
3.62
.143
6.70±0.25
.264±.010
.100
2.54
TYP.
TYP.
.059
1.50
±.012
±0.30
"A"
+0.05
STANDOFF
.050±.004
.150
1.27±0.10
3.80 -0.10
-.004
+.002
.059
1.50
TYP.
.022±.003
0.55±0.08
1.3
8.51
.315
8.00
X45° CHAMFER (2)
1.0
.039
ON
1
2
3
4
5
10 11 12
CTS
TYP.
.100
2.54
TYP.
.044
1.13
.243
6.17
11.04
.435
2.44
.096
.339
8.60
SOLDER COATED
"A" ±0.30
±.012
+.002
-.004
-0.10
3.80
0.25±0.10
.150
.010±.004
STANDOFF
+0.05
0.55
.022
8.00
+0.13
-0.00
.315
0.25
.010 +.005
-.000
.300±.008
7.62±0.20
9.91±0.08
.390±.003
X45° CHAMFER (2)
.100
TYP.
2.54
1.50
.059
TYP.
0.55±0.08
.022±.003 TYP.
3.62
.028
0.70
.264±.010
6.70±0.25
.143
TRAVEL
.039
1.0
ON
1
2
3
4
5
10 11 12
CTS
"J" Bend Surface Mount Pad Layouts
DATE CODE
DATE CODE
–
2 - 2
CTS Electronic Components
www.ctscorp.com
© 2008 CTS Corporation. All rights reserved. Information subject to change.
12/30/08
2. Wiping contact action
BLANK : ANTI-STATIC TUBE PACKAGING
BLANK: GULL-WING TERMINAL
BLANK: NO TOP TAPE SEAL
1. Redundant
(bifurcated) gold
plated cross radial
contactor
3. Contactor does not
deflect during actuation
4. Detent separate
from contactor
* Not available on extended actuator



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com