Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

219-4LPST Datasheet(PDF) 1 Page - CTS Corporation

Part # 219-4LPST
Description  Surface Mount DIP Switch ??Auto Placeable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

219-4LPST Datasheet(HTML) 1 Page - CTS Corporation

  219-4LPST Datasheet HTML 1Page - CTS Corporation 219-4LPST Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switch Function
SPST- 2 through 10 and 12 positions
Switch Contact Resistance
25 milliohms maximum initial
50 milliohms maximum at the end of life
Insulation Resistance
1,000 megohms minimum between
insulated terminals
Dielectric Strength
500 VDC for 1 minute between
adjacent switches
Nonswitching Rating
100 mA or 50 VDC maximum
Switch Capacitance
5 pF maximum between adjacent closed switches
Operating Temperature
- 55°C to +85°C
Actuation Life
2,000 cycles switching 100 mA @ 20 VDC or
0.1 mA @ 5 VDC (dry circuit)
Coplanarity
0.10mm (.004") maximum
Vibration
Per MIL-STD-202F, method 204D, condition B
(.06" or 15 G’s between 10 HZ to 2K HZ) with no
contact inconsistencies greater than 1
microsecond.
Shock
Per MIL-STD-202F, method 213B, condition A
(50 G’s) with no contact inconsistencies greater
than 1 microsecond.
Sealing
Standard bottom seal
Optional top tape seal
Marking
Special marking available consult CTS.
Surface Mount
DIP Switch —
Auto Placeable
Features
Optimized Mechanical Features
• Removable tape seal to withstand IR vapor phase
or wave soldering temperatures, and board washing
• Positive detent separate from contactor
• Gull-wing and "J" lead terminal configurations
Optimized Contact System
• Redundant, wiping contact
• Contactor does not deflect during actuation
Premium Materials
• Gold plated beryllium copper contacts
Electrical and Mechanical Specifications
• Tube or tape and reel packaging available
• Available low profile, medium, and extended height
actuators
• RoHS compliant
Allowable Solder Time
Up to 60 seconds at 260°C
Packaging
1 - 2
© 2008 CTS Corporation. All rights reserved. Information subject to change.
12/30/08
CTS Electrocomponents
www.ctscorp.com
Standard : Anti-static tube packaging
Optional : Tape and reel packaging
®
Electrocomponents
Series 219 Data Sheet
Data Sheet
SMD DIP Switch
• High temperature materials (UL94V-0)


Similar Part No. - 219-4LPST

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
219-4LPST CTS-219-4LPST Datasheet
328Kb / 1P
DIP Switches
More results

Similar Description - 219-4LPST

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
218 CTS-218 Datasheet
101Kb / 2P
SMT half pitch DIP switch-Auto placeable
219 CTS-219 Datasheet
94Kb / 2P
Surface mount DIP Switch-Auto Placeable
218 CTS-218_08 Datasheet
763Kb / 2P
SMT Half Pitch DIP Switch-Auto Placeable
219-6MST CTS-219-6MST Datasheet
289Kb / 2P
Surface Mount DIP Switch ??Auto Placeable
218-02LPST CTS-218-02LPST Datasheet
324Kb / 2P
SMT Half Pitch DIP Switch?밃uto Placeable
219-6LPST CTS-219-6LPST Datasheet
289Kb / 2P
Surface Mount DIP Switch ??Auto Placeable
219-8LPST CTS-219-8LPST Datasheet
289Kb / 2P
Surface Mount DIP Switch ??Auto Placeable
219-5LPST CTS-219-5LPST Datasheet
289Kb / 2P
Surface Mount DIP Switch ??Auto Placeable
218-2LPSTR CTS-218-2LPSTR Datasheet
324Kb / 2P
SMT Half Pitch DIP Switch?밃uto Placeable
219-3MSTR CTS-219-3MSTR Datasheet
289Kb / 2P
Surface Mount DIP Switch Auto Placeable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com