Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68000PM/AD Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # M68000PM/AD
Description  Superscalar 32-Bit Microprocessors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68000PM/AD Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  M68000PM/AD Datasheet HTML 1Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 2Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 3Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 4Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 5Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 6Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 7Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 8Page - Freescale Semiconductor, Inc M68000PM/AD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Order this document by
M68060/D
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
Product Brief
Superscalar 32-Bit Microprocessors
MC68060
MC68LC060
MC68EC060
© MOTOROLA, 1994
Microprocessor and Memory
Technologies Group
SEMICONDUCTOR PRODUCT INFORMATION
The superscalar M68060 represents a new line of Motorola microprocessor products. The first generation of the
M68060 product line consists of the MC68060, MC68LC060, and MC68EC060. All three microprocessors offer
superscalar integer performance of over 100 MIPS at 66 MHz. The MC68060 comes fully equipped with both a
floating-point unit (FPU) and a memory management unit (MMU) for high-performance embedded control and
desktop applications. For cost-sensitive embedded control and desktop applications where an MMU is required,
but the additional cost of a FPU is not justified, the MC68LC060 offers high performance at a low cost.
Specifically designed for low-cost embedded control applications, the MC68EC060 eliminates both the FPU and
MMU, permitting designers to leverage MC68060 performance while avoiding the cost of unnecessary features.
Throughout this product brief, all references to the MC68060 also refer to the MC68LC060 and the
MC68EC060, unless otherwise noted. Figure 1 illustrates a block diagram of the MC68060.
Figure 1. MC68060 Block Diagram
EXECUTION UNIT
INSTRUCTION
ATC
INSTRUCTION
CACHE
CONTROLLER
DATA
ATC
DATA
CACHE
CONTROLLER
OPERAND DATA BUS
INSTRUCTION
CACHE
DATA
CACHE
FLOATING-
POINT
UNIT
B
U
S
C
O
N
T
R
O
L
L
E
R
ADDRESS
DATA
INTEGER UNIT
DECODE
DATA AVAILABLE
EA
FETCH
INT
EXECUTE
INSTRUCTION FETCH UNIT
BRANCH
CACHE
INSTRUCTION
FETCH
EARLY
DECODE
INSTRUCTION
BUFFER
EA
CALCULATE
DECODE
EA
FETCH
INT
EXECUTE
EA
FETCH
WRITE-BACK
CONTROL
IA
CALCULATE
EA
CALCULATE
INSTRUCTION MEMORY UNIT
DATA MEMORY UNIT
FP
EXECUTE
pOEP
sOEP
OC
OC
OC
EX
EX
EX
AG
AG
DS
DS
DA
WB
IB
IED
IC
IAG
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - M68000PM/AD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
M68000PM/AD FREESCALE-M68000PM/AD Datasheet
58Kb / 10P
Product Brief Integrated Processor With DMA
M68000PM/AD FREESCALE-M68000PM/AD Datasheet
577Kb / 14P
MC68360 QUad Integrated Communication Controller
logo
NXP Semiconductors
M68000PM/AD NXP-M68000PM/AD Datasheet
1Mb / 37P
Integrated CPU32 Processor
Rev 1
M68000PM/AD NXP-M68000PM/AD Datasheet
868Kb / 6P
Integrated Multiprotocol Processor with PCMCIA
More results

Similar Description - M68000PM/AD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960HA INTEL-80960HA Datasheet
828Kb / 102P
80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
logo
List of Unclassifed Man...
ARM7TDMI ETC-ARM7TDMI Datasheet
1Mb / 268P
general purpose 32-bit microprocessors
logo
Motorola, Inc
M68040 MOTOROLA-M68040 Datasheet
3Mb / 442P
M68000-compatible, high-performance, 32-bit microprocessors
logo
Freescale Semiconductor...
M68000 FREESCALE-M68000 Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User?셲 Manual
MC68HC000EI20 FREESCALE-MC68HC000EI20 Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User?셲 Manual
MC68000UM FREESCALE-MC68000UM Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User?셲 Manual
MC68HC000RC12 FREESCALE-MC68HC000RC12 Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User?셲 Manual
MC68HC000RC10 FREESCALE-MC68HC000RC10 Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User Manual
logo
Motorola, Inc
MC68HC000EI8 MOTOROLA-MC68HC000EI8 Datasheet
1Mb / 189P
8-/16-/32-Bit Microprocessors User?셲 Manual
logo
Microchip Technology
SAM9G20 MICROCHIP-SAM9G20 Datasheet
2Mb / 798P
32-BIT ARM-BASED MICROPROCESSORS
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com