Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC41344P Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # SC41344P
Description   Encoder and Decoder Pairs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC41344P Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  SC41344P Datasheet HTML 1Page - Freescale Semiconductor, Inc SC41344P Datasheet HTML 2Page - Freescale Semiconductor, Inc SC41344P Datasheet HTML 3Page - Freescale Semiconductor, Inc SC41344P Datasheet HTML 4Page - Freescale Semiconductor, Inc SC41344P Datasheet HTML 5Page - Freescale Semiconductor, Inc SC41344P Datasheet HTML 6Page - Freescale Semiconductor, Inc SC41344P Datasheet HTML 7Page - Freescale Semiconductor, Inc SC41344P Datasheet HTML 8Page - Freescale Semiconductor, Inc SC41344P Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MC145026
•MC145027•MC145028•SC41343•SC41344
MOTOROLA
5
ELECTRICAL CHARACTERISTICS — MC145026 (Voltage Referenced to VSS)
Sb l
Ch
i i
V
Guaranteed Limit
Ui
Sb l
Ch
i i
VDD
– 40
°C
25
°C
85
°C
Ui
Symbol
Characteristic
VDD
V
Min
Max
Min
Max
Min
Max
Unit
VOL
Low–Level Output Voltage
(Vin = 0 V or VDD)
2.5
—
0.05
—
0.05
—
0.05
V
VOH
High–Level Output Voltage
(Vin = 0 V or VDD)
2.5
2.45
—
2.45
—
2.45
—
V
VIL
Low–Level Input Voltage
(Vout = 0.5 V or 2.0 V)
2.5
—
0.3
—
0.3
—
0.3
V
VIH
High–Level Input Voltage
(Vout = 0.5 V or 2.0 V)
2.5
2.2
—
2.2
—
2.2
—
V
IOH
High–Level Output Current
(Vout = 1.25 V)
2.5
0.28
—
0.25
—
0.2
—
mA
IOL
Low–Level Output Current
(Vout = 0.4 V)
2.5
0.22
—
0.2
—
0.16
—
mA
Iin
Input Current (TE — Pull–Up Device)
2.5
—
—
0.09
1.8
—
—
µA
Iin
Input Current (A1–A5, A6/D6–A9/D9)
2.5
—
—
—
± 25
—
—
µA
IDD
Quiescent Current
2.5
—
—
—
0.05
—
—
µA
Idd
Dynamic Supply Current (fc = 20 kHz)
2.5
—
—
—
40
—
—
µA
ELECTRICAL CHARACTERISTICS — SC41343 and SC41344 (Voltage Referenced to VSS)
Sb l
Ch
i i
V
Guaranteed Limit
Ui
Sb l
Ch
i i
VDD
– 40
°C
25
°C
85
°C
Ui
Symbol
Characteristic
VDD
V
Min
Max
Min
Max
Min
Max
Unit
VOL
Low–Level Output Voltage
(Vin = 0 V or VDD)
2.8
5.0
10
—
—
—
0.05
0.05
0.05
—
—
—
0.05
0.05
0.05
—
—
—
0.05
0.05
0.05
V
VOH
High–Level Output Voltage
(Vin = 0 V or VDD)
2.8
5.0
10
2.75
4.95
9.95
—
—
—
2.75
4.95
9.95
—
—
—
2.75
4.95
9.95
—
—
—
V
VIL
Low–Level Input Voltage
(Vout = 2.3 V or 0.5 V)
(Vout = 4.5 V or 0.5 V)
(Vout = 9.0 V or 1.0 V)
2.8
5.0
10
—
—
—
0.84
1.5
3.0
—
—
—
0.84
1.5
3.0
—
—
—
0.84
1.5
3.0
V
VIH
High–Level Input Voltage
(Vout = 0.5 V or 2.3 V)
(Vout = 0.5 V or 4.5 V)
(Vout = 1.0 V or 9.0 V)
2.8
5.0
10
1.96
3.5
7.0
—
—
—
1.96
3.5
7.0
—
—
—
1.96
3.5
7.0
—
—
—
V
IOH
High–Level Output Current
(Vout = 1.4 V)
(Vout = 4.5 V)
(Vout = 9.0 V)
2.8
5.0
10
– 0.73
– 0.59
– 1.3
—
—
—
– 0.7
– 0.5
– 1.1
—
—
—
– 0.55
– 0.41
– 0.9
—
—
—
mA
IOL
Low–Level Output Current
(Vout = 0.4 V)
(Vout = 0.5 V)
(Vout = 1.0 V)
2.8
5.0
10
0.35
0.8
3.5
—
—
—
0.3
0.6
2.9
—
—
—
0.24
0.4
2.3
—
—
—
mA
Iin
Input Current — Din
10
—
± 0.3
—
± 0.3
—
± 1.0
µA
Iin
Input Current
A1 – A5 (SC41343)
A1 – A9 (SC41344)
2.8
5.0
10
—
—
—
—
—
—
—
—
—
± 30
± 140
± 600
—
—
—
—
—
—
µA
Cin
Input Capacitance (Vin = 0)
—
—
—
—
7.5
—
—
pF
IDD
Quiescent Current
2.8
5.0
10
—
—
—
—
—
—
—
—
—
60
75
150
—
—
—
—
—
—
µA
Idd
Dynamic Supply Current (fc = 20 kHz)
2.8
5.0
10
—
—
—
—
—
—
—
—
—
300
500
1000
—
—
—
—
—
—
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com