Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC41344P Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # SC41344P
Description   Encoder and Decoder Pairs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC41344P Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button SC41344P Datasheet HTML 12Page - Freescale Semiconductor, Inc SC41344P Datasheet HTML 13Page - Freescale Semiconductor, Inc SC41344P Datasheet HTML 14Page - Freescale Semiconductor, Inc SC41344P Datasheet HTML 15Page - Freescale Semiconductor, Inc SC41344P Datasheet HTML 16Page - Freescale Semiconductor, Inc SC41344P Datasheet HTML 17Page - Freescale Semiconductor, Inc SC41344P Datasheet HTML 18Page - Freescale Semiconductor, Inc SC41344P Datasheet HTML 19Page - Freescale Semiconductor, Inc SC41344P Datasheet HTML 20Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
MC145026
•MC145027•MC145028•SC41343•SC41344
MOTOROLA
17
10 k
Ω
220 k
Ω
SEND
TE
9
RS
CTC
RTC
MC145026
SWITCHES
100 k
Ω FOR APPROX. 4 kHz
47 k
Ω FOR APPROX. 9 kHz
1000 pF
Dout
MC14011UB
MC14011UB
220 k
Ω
0.01
µF
SELECT FOR
200 mA TO 300 mA
MLED81
USE OF 2 MLED81s
IS OPTIONAL
MPSA13
OR
MPSW13
ADJUST/SELECT FOR
f = 50 kHz (APPROX. 100 k
Ω)
Figure 18. IRED Transmitter Using RC Oscillator to Generate Carrier Frequency
V+
V+
50 kHZ TO
DRIVER
TRANSISTOR
X1 = 400 kHz CERAMIC RESONATOR
PANASONIC EFD–A400K04B
OR EQUIVALENT
MC14024
CLK
X1
470 pF
MC14011UB
Dout
FROM MC145026
1M
Ω
470 pF
Q3
Figure 19. Using a Ceramic Resonator to Generate Carrier Frequency
RESET
V+
MC14011UB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com