Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPM5030T-R20M Datasheet(PDF) 3 Page - TDK Electronics

Part # SPM5030T-R20M
Description  Inductors for Power Circuits Wound Metallic Magnetic Material SPM series
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM5030T-R20M Datasheet(HTML) 3 Page - TDK Electronics

  SPM5030T-R20M Datasheet HTML 1Page - TDK Electronics SPM5030T-R20M Datasheet HTML 2Page - TDK Electronics SPM5030T-R20M Datasheet HTML 3Page - TDK Electronics SPM5030T-R20M Datasheet HTML 4Page - TDK Electronics SPM5030T-R20M Datasheet HTML 5Page - TDK Electronics SPM5030T-R20M Datasheet HTML 6Page - TDK Electronics SPM5030T-R20M Datasheet HTML 7Page - TDK Electronics SPM5030T-R20M Datasheet HTML 8Page - TDK Electronics SPM5030T-R20M Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
(2/24)
INDUC
T
O
RS
001-01 / 20130527 / e531_spm.fm
• All specifications are subject to change without notice.
Inductors for Power Circuits
Wound Metallic Magnetic Material
FEATURES
Magnetic shield type wound inductor for power circuits using a metallic magnetic material.
Low-profile product lineup with max. heights of 1.2mm and 3.0mm allowing for different usages.
Compared to ferrite wound type inductors, it is possible to achieve large current, low Rdc, and compactness.
Low inductance variance in high-temperature environments with good DC superimposition characteristics.
Metallic magnetic material is used, and the structure has an integrated molded coil, so hum noise is lower than with core adhesive coils.
APPLICATION
Smart phones, tablet terminals, laptop computers, HDDs, servers, VRMs, compact power supply modules, other
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
Overview of the SPM Series
SPM
3012
T
-
1R0
M
Series name
L×W×H Dimensions
Packaging style
Inductance
Inductance
tolerance
(mm max.)
(µH)
3012
3.2×3.0×1.2
T
Taping
1R0
1.0
M
±20%
4012
4.4×4.1×1.2
1R5
1.5
5012
5.4×5.1×1.2
2R2
2.2
5030
5.2×5.0×3.0
6530
7.1×6.5×3.0
SPM
6530
T
-
R25
M
230
Series name
L×W×H Dimensions
Packaging style
Inductance
Inductance
tolerance
Internal
code
(mm max.)
(µH)
6530
7.1×6.5×3.0
T
Taping
R25
0.25
M
±20%
1R0
1.0
4R7
4.7
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
Storage
temperature
(°C)
(°C)
(pieces/reel)
(g)
SPM3012
–40 to +125
–40 to +125
2000
0.047
SPM4012
–40 to +125
–40 to +125
1000
0.0941
SPM5012
–40 to +125
–40 to +125
1000
0.1500
SPM5030
–40 to +125
–40 to +125
500
0.364
SPM6530
–40 to +125
–40 to +125
1000
0.656
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com