Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPM5030T-R20M Datasheet(PDF) 11 Page - TDK Electronics

Part # SPM5030T-R20M
Description  Inductors for Power Circuits Wound Metallic Magnetic Material SPM series
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM5030T-R20M Datasheet(HTML) 11 Page - TDK Electronics

Back Button SPM5030T-R20M Datasheet HTML 7Page - TDK Electronics SPM5030T-R20M Datasheet HTML 8Page - TDK Electronics SPM5030T-R20M Datasheet HTML 9Page - TDK Electronics SPM5030T-R20M Datasheet HTML 10Page - TDK Electronics SPM5030T-R20M Datasheet HTML 11Page - TDK Electronics SPM5030T-R20M Datasheet HTML 12Page - TDK Electronics SPM5030T-R20M Datasheet HTML 13Page - TDK Electronics SPM5030T-R20M Datasheet HTML 14Page - TDK Electronics SPM5030T-R20M Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
(10/24)
INDUC
T
O
RS
001-01 / 20130527 / e531_spm.fm
• All specifications are subject to change without notice.
SPM series 
SPM4012Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0.0
5.0
10.0
15.0
20.0
10
100
1000
10000
100000
Frequency(MHz)
4R7M
3R3M
2R2M
1R5M
1R0M
4R7M
Product No.
Manufacturer
4294A
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com