Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR-M1608C120MB2AB Datasheet(PDF) 5 Page - TDK Electronics

Part # AVR-M1608C120MB2AB
Description  Chip Varistors Countermeasure for surge voltage and static electricity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVR-M1608C120MB2AB Datasheet(HTML) 5 Page - TDK Electronics

  AVR-M1608C120MB2AB Datasheet HTML 1Page - TDK Electronics AVR-M1608C120MB2AB Datasheet HTML 2Page - TDK Electronics AVR-M1608C120MB2AB Datasheet HTML 3Page - TDK Electronics AVR-M1608C120MB2AB Datasheet HTML 4Page - TDK Electronics AVR-M1608C120MB2AB Datasheet HTML 5Page - TDK Electronics AVR-M1608C120MB2AB Datasheet HTML 6Page - TDK Electronics AVR-M1608C120MB2AB Datasheet HTML 7Page - TDK Electronics AVR-M1608C120MB2AB Datasheet HTML 8Page - TDK Electronics AVR-M1608C120MB2AB Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
(4/10)
001-07 / 20110926 / e9c11_avr.fm
• All specifications are subject to change without notice.
ELECTRICAL CHARACTERISTICS
∗
: Packaging style(T: Taping/B: Bulk)
TERMINOLOGY
∗1 8/20µs test waveform
∗2 10/1000µs test waveform
Part No.
Varistor voltage
(Breakdown voltage)
V1mA(V)[DC1mA]
Maximum
continuous voltage
(Rated voltage)
Vdc(V)
Clamping
voltage
Vcl(V)
[8/20µs]
Maximum
energy
E(Joule)
[10/1000µs]
Maximum
peak
current Ip(A)
[8/20µs]
Capacitance
C(pF)
[1kHz, 1Vrms]
Packaging
quantities
(Taping)
(pieces/reel)
0603 type
AVRM0603C6R8N
∗101N
6.8
(4.76 to 8.84) 3.5 max.
14[1A]
0.01 max.
10 max.
100 typ.
15,000
AVRM0603C080M
101N
8
(6.4 to 9.6)
5.5 max.
17[1A]
0.01 max.
4 max.
100 typ.
AVRM0603C120M
101N
12.8
(10 to 15.6)
5.5 max.
20[1A]
0.01 max.
5 max.
100 typ.
AVR-M0603C120M
AAB
12
(9.6 to 14.4)
7.5 max.
23[1A]
0.01 max.
1 max.
33 typ.
1005 type
AVRM1005C6R8N
101N
6.8
(4.76 to 8.84) 3.5 max.
14[1A]
0.02 max.
10 max.
100 typ.
10,000
AVR-M1005C080M
AAB
8
(6.4 to 9.6)
5.5 max.
14[1A]
0.04 max.
25 max.
650 typ.
AVR-M1005C080M
ADB
8
(6.4 to 9.6)
5.5 max.
14[1A]
0.04 max.
25 max.
480 typ.
AVR-M1005C080M
ABB
8
(6.4 to 9.6)
5.5 max.
15[1A]
0.02 max.
3 max.
100 typ.
AVR-M1005C080M
ACB
8
(6.4 to 9.6)
5.5 max.
19[1A]
0.01 max.
1 max.
33 typ.
AVR-M1005C120M
AAB
12
(9.6 to 14.4)
7.5 max.
20[1A]
0.05 max.
10 max.
130 typ.
AVRM1005C270K
101N
27
(24 to 30)
19 max.
55[1A]
0.06 max.
4 max.
100 typ.
AVR-M1005C270M
AAB
27
(21.6 to 32.4) 15 max.
50[1A]
0.06 max.
4 max.
40 typ.
AVR-M1005C270M
ABB
27
(21.6 to 32.4) 15 max.
50[1A]
0.05 max.
1 max.
15 typ.
1608 type
AVR-M1608C080M
AAB
8
(6.4 to 9.6)
5.5 max.
15[2A]
0.09 max.
30 max.
650 typ.
4,000
AVR-M1608C120M
6AB
12
(9.6 to 14.4)
7.5 max.
20[2A]
0.09 max.
50 max.
1050 typ.
AVR-M1608C120M
2AB
12
(9.6 to 14.4)
7.5 max.
20[2A]
0.06 max.
15 max.
400 typ.
AVR-M1608C180M
6AB
18
(14.4 to 21.6) 11 max.
30[2A]
0.1 max.
30 max.
600 typ.
AVR-M1608C220K
6AB
22
(19.8 to 24.2) 16 max.
34[2A]
0.1 max.
30 max.
560 typ.
AVR-M1608C220K
2AB
22
(19.8 to 24.2) 16 max.
37[2A]
0.03 max.
10 max.
210 typ.
AVR-M1608C270K
6AB
27
(24 to 30)
19 max.
42[2A]
0.1 max.
48 max.
430 typ.
AVR-M1608C270K
2AB
27
(24 to 30)
19 max.
42[2A]
0.1 max.
20 max.
160 typ.
AVR-M1608C270K
ACB
27
(24 to 30)
19 max.
54[2A]
0.05 max.
10 max.
60 typ.
AVR-M1608C270M
AAB
27
(21.6 to 32.4) 17 max.
52[2A]
0.05 max.
2 max.
30 typ.
AVR-M1608C270M
ABB
27
(21.6 to 32.4) 17 max.
52[2A]
0.05 max.
2 max.
15 typ.
AVRM1608C390K
271N
39
(35 to 43)
28 max.
69[2A]
0.1 max.
78 max.
270 typ.
2012 type
AVR-M2012C120M
6AB
12
(9.6 to 14.4)
7.5 max.
20[5A]
0.2 max.
60 max.
1000 typ.
2,000
AVR-M2012C220K
6AB
22
(19.8 to 24.2) 16 max.
38[5A]
0.3 max.
100 max.
800 typ.
AVR-M2012C390K
6AB
39
(35 to 43)
28 max.
62[5A]
0.3 max.
100 max.
430 typ.
1410 type
AVR-M14A2C240M
600N
24
(20 to 27)
16 max.
50[1A]
0.01 max.
5 max.
60 typ.[1MHz]
4,000
AVR-M14A2C270M
470N
27
(21.6 to 32.4) 15 max.
54[1A]
0.007 max.
5 max.
47 typ.[1MHz]
AVRM14A2C270M
150N
27
(21.6 to 32.4) 15 max.
55[1A]
0.02 max.
3 max.
15 typ.[1MHz]
AVRM14A2C270M
3R3F
27
(21.6 to 32.4) 10 max.
45[0.2A]
0.002 max.
0.2 max.
3.3 typ.[1MHz]
Item
Unit
Terminology
Varistor voltage
(Breakdown voltage)
V1mA
(V)
Voltage measured across the varistor
when DC1mA is applied.
Maximum continuous
voltage (Rated voltage)
Vdc
(V)
Maximum DC voltage that can be applied
continuously.
Varistor leakage current: 50µA max.
(Within the range of maximum allowable
circuit voltage)
Clamping voltage
Vcl
(V)
Voltage appearing across the varistor
when a pulse current (8/20µs∗1) of
specified peak value is applied.
Maximum energy
E
(Joule)
Maximum energy that can be absorbed
without deteriorating varistor
characteristics when an impulse
(10/1000µs∗2) is applied once.
Maximum peak current
Ip
(A)
Maximum current that can be withstood
without deteriorating varistor
characteristics when an impulse current
(8/20µs∗1) is applied once.
Capacitance
C
(pF)
Capacitance measured at 1kHz
(or 1MHz) of oscillator frequency and
1Vrms of oscillator voltage.
20µs
50%
90%
100%
Time
8µs
1000µs
50%
90%
100%
10µs
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com