Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVR-M1608C120MB2AB Datasheet(PDF) 9 Page - TDK Electronics

Part # AVR-M1608C120MB2AB
Description  Chip Varistors Countermeasure for surge voltage and static electricity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVR-M1608C120MB2AB Datasheet(HTML) 9 Page - TDK Electronics

Back Button AVR-M1608C120MB2AB Datasheet HTML 3Page - TDK Electronics AVR-M1608C120MB2AB Datasheet HTML 4Page - TDK Electronics AVR-M1608C120MB2AB Datasheet HTML 5Page - TDK Electronics AVR-M1608C120MB2AB Datasheet HTML 6Page - TDK Electronics AVR-M1608C120MB2AB Datasheet HTML 7Page - TDK Electronics AVR-M1608C120MB2AB Datasheet HTML 8Page - TDK Electronics AVR-M1608C120MB2AB Datasheet HTML 9Page - TDK Electronics AVR-M1608C120MB2AB Datasheet HTML 10Page - TDK Electronics AVR-M1608C120MB2AB Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
(8/10)
001-07 / 20110926 / e9c11_avr.fm
• All specifications are subject to change without notice.
ELECTROSTATIC ABSORPTION CHARACTERISTICS
DISCHARGE CURRENT WAVEFORM
DISCHARGE VOLTAGE WAVEFORM
WAVEFORM PARAMETERS [IEC61000-4-2]
MEASURING CIRCUIT
ESD ABSORPTION CHARACTERISTICS
COMPARISON OF VARIOUS ELEMENTS
–50
0
50
100
150
200
250
300
Time(ns)
7
5
4
3
2
1
–1
8
6
0
150pF, 330
Ω,
Contact discharge, Test level 1
–50
0
50
100
150
200
250
300
Time(ns)
300
200
150
100
50
0
350
250
–50
Open waveform
AVR-M1005C120MTAAB / V1mA:12V
AVR-M1005C080MTAAB / V1mA:8V
Zener diode /Vz:6.2V
Test level
ESD Charge
voltage
(kV)
First peak current
of discharge
(A)
Rise time
(ns)
1
2
7.5
0.7 to 1.0
2
4
15
0.7 to 1.0
3
6
22.5
0.7 to 1.0
4
8
30
0.7 to 1.0
10M
Ω
330
Ω
50
Ω
150pF
Discharge gun
ESD
simulator
ESD simulator
Test
sample
Oscilloscope
60dB attenuator
I/O impedance: 50
Ω
Frequency range: DC to 18GHz
High voltage
DC power supply
0
316
45
58
47
Open waveform
117
16
24
21
350
300
250
200
150
100
50
AVR-M1005C080MTAAB AVR-M1005C120MTAAB Zener diode/Vz:6.2V
Peak
Average
271V
down
101V
down
258V
down
93V
down
269V
down
96V
down
30
100
Peak voltage:Peak voltage of standing up part
Average voltage : Average voltage of 30 to 100ns
Peak
voltage
(voltage)
(ns)
Average
voltage
ESD (Electro Static Discharge)
absorption characteristics of V1mA-8V
is superior to Vz-6.2V Zener diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com