Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLCV25T-R22M-EFR Datasheet(PDF) 3 Page - TDK Electronics

Part # NLCV25T-R22M-EFR
Description  Inductors for Decoupling Circuits Wound/For Current NLCV/NLC series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLCV25T-R22M-EFR Datasheet(HTML) 3 Page - TDK Electronics

  NLCV25T-R22M-EFR Datasheet HTML 1Page - TDK Electronics NLCV25T-R22M-EFR Datasheet HTML 2Page - TDK Electronics NLCV25T-R22M-EFR Datasheet HTML 3Page - TDK Electronics NLCV25T-R22M-EFR Datasheet HTML 4Page - TDK Electronics NLCV25T-R22M-EFR Datasheet HTML 5Page - TDK Electronics NLCV25T-R22M-EFR Datasheet HTML 6Page - TDK Electronics NLCV25T-R22M-EFR Datasheet HTML 7Page - TDK Electronics NLCV25T-R22M-EFR Datasheet HTML 8Page - TDK Electronics NLCV25T-R22M-EFR Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
(2/14)
001-03 / 20110927 / e511_nlcv_nlc
• All specifications are subject to change without notice.
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
∗1 Rated current: Value obtained when current flows and the temperature has risen to 20°C or when DC current flows and the initial value of inductance has
fallen by 10%, whichever is smaller.
∗2
: Please specify lead-free compatible product, PF (Conformity to RoHS directive, exemption regulations apply) or EF (Conformity to RoHS directive)
• Test equipment L, Q: HP4194A IMPEDANCE/GAIN PHASE ANALYZER+HP16085A+HP16093 B+TF-1
SRF: HP8753C NETWORK ANALYZER
Rdc: MATSUSHITA VP-2941A DIGITAL MILLIOHM METER
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
CHARACTERISTICS
Inductance(µH)
Inductance
tolerance
Q
ref.
Test frequency L,Q
(MHz)
Self-resonant
frequency
(MHz)min.
DC resistance
(
Ω)±30%
Rated current∗1
(mA)max.
Part No.
1
±20%
20
7.96
200
0.34
475
NLCV25T-1R0M-
∗2
1.5
±20%
20
7.96
165
0.42
435
NLCV25T-1R5M-
2.2
±20%
20
7.96
95
0.5
390
NLCV25T-2R2M-
3.3
±20%
20
7.96
55
0.65
340
NLCV25T-3R3M-
4.7
±20%
20
7.96
43
0.8
285
NLCV25T-4R7M-
6.8
±20%
20
7.96
39
1
275
NLCV25T-6R8M-
10
±10%
30
2.52
32
1.69
210
NLCV25T-100K-
15
±10%
30
2.52
21
2.2
175
NLCV25T-150K-
22
±10%
30
2.52
18
2.8
160
NLCV25T-220K-
33
±10%
30
2.52
16
4.2
120
NLCV25T-330K-
2.5±0.2
2±0.1
(0.4)
Terminal
electrode
1.4±0.1
Weight:25mg
Inductor
Solder land pattern
1.0
1.5
1.0
Dimensions in mm
10
30
100
300
1000
3000
10000
DC current(mA)
0.1
0.3
1
3
10
30
100
22
µH
10
µH
4.7
µH
2.2
µH
1
µH
13
10
30
100
300
1000
Frequency(MHz)
0.1
0.3
1
3
10
30
100
22
µH
10
µH
4.7
µH
2.2
µH
1
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com