Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLCV25T-R22M-EFR Datasheet(PDF) 12 Page - TDK Electronics

Part # NLCV25T-R22M-EFR
Description  Inductors for Decoupling Circuits Wound/For Current NLCV/NLC series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLCV25T-R22M-EFR Datasheet(HTML) 12 Page - TDK Electronics

Back Button NLCV25T-R22M-EFR Datasheet HTML 8Page - TDK Electronics NLCV25T-R22M-EFR Datasheet HTML 9Page - TDK Electronics NLCV25T-R22M-EFR Datasheet HTML 10Page - TDK Electronics NLCV25T-R22M-EFR Datasheet HTML 11Page - TDK Electronics NLCV25T-R22M-EFR Datasheet HTML 12Page - TDK Electronics NLCV25T-R22M-EFR Datasheet HTML 13Page - TDK Electronics NLCV25T-R22M-EFR Datasheet HTML 14Page - TDK Electronics NLCV25T-R22M-EFR Datasheet HTML 15Page - TDK Electronics NLCV25T-R22M-EFR Datasheet HTML 16Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
(10/14)
001-03 / 20110927 / e511_nlcv_nlc
• All specifications are subject to change without notice.
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
∗ Rated current: Value obtained when current flows and the temperature has risen to 20°C or when DC current flows and the initial value of inductance has
fallen by 10%, whichever is smaller.
• Test equipment L, Q: YHP4194A IMPEDANCE ANALYZER+YHP16085A+YHP16093B+TF-1, or equivalent
SRF: HP8753C NETWORK ANALYZER (Zin=Zout=50
Ω), or equivalent
Rdc: MATSUSHITA VP-2941A DIGITAL MILLIOHM METER, or equivalent
Inductance
(µH)
Inductance
tolerance
Q
min.
Test frequency
L, Q (MHz)
Self-resonant
frequency (MHz)min.
DC resistance
(
Ω)max.
Rated current∗
(mA)max.
Part No.
1
±10%
10
7.96
200
0.11
1050
NLC453232T-1R0K-PF
1.2
±10%
10
7.96
160
0.12
1000
NLC453232T-1R2K-PF
1.5
±10%
10
7.96
130
0.15
950
NLC453232T-1R5K-PF
1.8
±10%
10
7.96
100
0.16
900
NLC453232T-1R8K-PF
2.2
±10%
10
7.96
80
0.18
850
NLC453232T-2R2K-PF
2.7
±10%
10
7.96
60
0.2
800
NLC453232T-2R7K-PF
3.3
±10%
10
7.96
45
0.22
750
NLC453232T-3R3K-PF
3.9
±10%
10
7.96
40
0.24
700
NLC453232T-3R9K-PF
4.7
±10%
10
7.96
35
0.27
650
NLC453232T-4R7K-PF
5.6
±10%
10
7.96
30
0.3
650
NLC453232T-5R6K-PF
6.8
±10%
10
7.96
28
0.35
600
NLC453232T-6R8K-PF
8.2
±10%
10
7.96
25
0.4
600
NLC453232T-8R2K-PF
10
±10%
10
2.52
22
0.5
550
NLC453232T-100K-PF
12
±10%
10
2.52
21
0.6
500
NLC453232T-120K-PF
15
±10%
10
2.52
20
0.7
450
NLC453232T-150K-PF
18
±10%
10
2.52
19
0.8
400
NLC453232T-180K-PF
22
±10%
10
2.52
18
0.9
370
NLC453232T-220K-PF
27
±10%
10
2.52
16
1.2
330
NLC453232T-270K-PF
33
±10%
10
2.52
14
1.4
300
NLC453232T-330K-PF
39
±10%
10
2.52
12
1.6
280
NLC453232T-390K-PF
47
±10%
10
2.52
11.5
1.9
260
NLC453232T-470K-PF
56
±10%
10
2.52
11
2.2
240
NLC453232T-560K-PF
68
±10%
10
2.52
10
2.6
220
NLC453232T-680K-PF
82
±10%
10
2.52
9
3.5
200
NLC453232T-820K-PF
100
±10%
20
0.796
8
4
180
NLC453232T-101K-PF
120
±10%
20
0.796
7.5
4.5
160
NLC453232T-121K-PF
150
±10%
20
0.796
7
6.5
140
NLC453232T-151K-PF
180
±10%
20
0.796
6.5
7.5
120
NLC453232T-181K-PF
220
±10%
20
0.796
5.5
9
120
NLC453232T-221K-PF
270
±10%
20
0.796
5
11
100
NLC453232T-271K-PF
330
±10%
20
0.796
4
13
90
NLC453232T-331K-PF
120
C0.5
R0.2
4.5
±0.3
3.2
±0.2
2.6
±0.1
Weight: 180mg
(0.6)
Terminal
electrode
Solder land pattern
Inductor
1.5
1.5
3
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com