Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1010T-I/ML Datasheet(PDF) 36 Page - Microchip Technology

Part # AR1010T-I/ML
Description  Resistive Touch Screen Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1010T-I/ML Datasheet(HTML) 36 Page - Microchip Technology

Back Button AR1010T-I/ML Datasheet HTML 32Page - Microchip Technology AR1010T-I/ML Datasheet HTML 33Page - Microchip Technology AR1010T-I/ML Datasheet HTML 34Page - Microchip Technology AR1010T-I/ML Datasheet HTML 35Page - Microchip Technology AR1010T-I/ML Datasheet HTML 36Page - Microchip Technology AR1010T-I/ML Datasheet HTML 37Page - Microchip Technology AR1010T-I/ML Datasheet HTML 38Page - Microchip Technology AR1010T-I/ML Datasheet HTML 39Page - Microchip Technology AR1010T-I/ML Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
DS41393B-page 36
Preliminary
 2009-2012 Microchip Technology Inc.
9.1.3
DISABLE TOUCH BEFORE
SENDING SUBSEQUENT
COMMANDS
The
AR1000
does
not
support
full
duplex
communications. It cannot send touch reports to the
host simultaneously with receiving commands from the
host.
Disable AR1000 touch reporting prior to sending any
other command(s), then re-enable touch reporting
when complete with executing other commands.
1.
Send the DISABLE_TOUCH command.
Check for expected command response.
2.
Send a desired command.
Check for expected command response.
3.
Repeat at step 2 if another command is to be
sent.
4.
Send the ENABLE_TOUCH command.
Check for expected command response.
9.1.4
CONFIRM COMMAND IS SENT
Confirm each command sent to the AR1000, prior to
issuing another command, to ensure it is executed.
This is accomplished by evaluating the AR1000
response to a command that has been sent to it.
Check for each of the following five conditions to be
met (See Table 9-4).
0x<> represents a value that is dependent on the com-
mand.
An error has occurred if no response is received at all
or if any of the above conditions are not met in the
response from the AR1000. If an error condition
occurs, delay for a period of ~50 ms then send the
same command again.
TABLE 9-4:
COMMAND RESPONSE ERROR CONDITIONS
Condition
Response Byte
Description
Header
1
Header 0x55 value is expected
Size
2
Size 0x<> value to match what is expected for command sent
Status
3
Status 0x00 “success” value is expected
ID
4
Command ID 0x<> value to match what is expected (ID of sent command)
Data
5 to end
Data byte count to match what is expected for command sent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com