Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1010T-I/ML Datasheet(PDF) 10 Page - Microchip Technology

Part # AR1010T-I/ML
Description  Resistive Touch Screen Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1010T-I/ML Datasheet(HTML) 10 Page - Microchip Technology

Back Button AR1010T-I/ML Datasheet HTML 6Page - Microchip Technology AR1010T-I/ML Datasheet HTML 7Page - Microchip Technology AR1010T-I/ML Datasheet HTML 8Page - Microchip Technology AR1010T-I/ML Datasheet HTML 9Page - Microchip Technology AR1010T-I/ML Datasheet HTML 10Page - Microchip Technology AR1010T-I/ML Datasheet HTML 11Page - Microchip Technology AR1010T-I/ML Datasheet HTML 12Page - Microchip Technology AR1010T-I/ML Datasheet HTML 13Page - Microchip Technology AR1010T-I/ML Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
DS41393B-page 10
Preliminary
 2009-2012 Microchip Technology Inc.
2.5
5-Wire Sensor
A 5-wire resistive touch sensor consists of a flex and
stable layer, electrically separated by spacer dots. The
touch position is determined by first applying a voltage
gradient across the stable layer in the X-axis direction
and using the flex layer to measure the axis touch posi-
tion voltage. The second step is applying a voltage gra-
dient across the stable layer in the Y-axis direction and
using the flex layer to measure the axis touch position
voltage.
The voltage is not directly applied to the edges of the
active layer, as it is for 4-wire and 8-wire sensors. The
voltage is applied to the corners of a 5-wire sensor.
To measure the X-axis, the left edge of the layer is
driven with 0V (ground), using connections to the upper
left and lower left sensor corners. The right edge is
driven with +5 VDC, using connections to the upper
right and lower right sensor corners.
To measure the Y-axis, the top edge of the layer is
driven with 0V (ground), using connections to the upper
left and upper right sensor corners. The bottom edge is
driven with +5 VDC, using connections to the lower left
and lower right sensor corners.
The measured voltage at any position across a driven
axis is predictable. A touch moving in the direction of
the driven axis will yield a linearly changing voltage. A
touch moving perpendicular to the driven axis will yield
a relatively unchanging voltage (See Figure 2-3).
FIGURE 2-3:
5-Wire Decoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com