Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L4091 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT7L4091 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Rev. 1.20
9
March 12, 2013
HT7L4091
Current Sense Resistor – RCS
Thiscurrentflowsthroughtheexternalsenseresistor
RCSandproducesarampvoltageontheCSpin.The
comparatorsareconstantlycomparingtheCSpin
voltagewithboththevoltageontheLDpinandthe
internal250mVreferencevoltage.Oncetheblanking
timehaselapsed,theoutputofthesecomparatorscan
thenresettheflipflop.Whenoneoutputofthesetwo
comparatorsswitcheshigh,theflipflopisresetand
thegatedriveoutputswitcheslow.Thegatedrive
outputstayslowuntiltheSRflipflopissetbythe
oscillator.Inassuminga30%rippleintheinductor,
thecurrentsenseresistorRCScanbeobtainedusing
thefollowingformula:
Ω
=
×
×
+
=
⋅
×
+
=
=
543
.
0
400
)
3
.
0
5
.
0
1
(
25
.
0
2
1
1
25
0
25
0
mA
I
Ripple)
/
(
.
I
.
R
LEDavg
peak
CS
ChooseRCS=0.54W
Input Supply Current
Assumethattheinputcurrentdrawnbytheinternal
circuitfromtheVINpinisthesumofthecurrent
withavalueof1.0mAandthecurrentdrawnbythe
gatedriveroftheexternalMOSFET(whichinturn
dependsupontheswitchingfrequencyandthegate
chargeoftheexternalFET).Assumethatthegate
chargeQgateisequalto12nC.
IINSP=IIN+Qgate×FPWM
=1mA+12nC×50kHz=1.6mA
Inaddition,whereIINSPistheinputcurrenttaken
fromtheVINpin,FPWMistheswitchingfrequency,
QgateisthegatechargeoftheexternalFETandIIN
isthecurrenttakenbytheinternalcircuit.FPWMis
consideredabouttheminimuminputvoltageandCT
hasaminimumvalue.
Input Limit Resistor (RIN)
Inthisdesign,VAC_min=95Vrms,VUVLO(H)_max=17V
Ω
=
−
−
×
×
=
−
∆
−
×
⋅
=
k
mA
I
V
V
V
%
R
INSP
H
UVLO
DCripple
AC
in
1
.
48
6
.
1
17
%)
30
1
(
95
2
)
1
(
2
max
_
)
(
min
_
Choose Rin=60kW
Theinputlimitresistorconsiderthehighinputvoltage
fromtherectifiedclampvoltageoftheinternalZener
diodeandoperatingcurrent.Two30kW/1Wresistors
areusedforRin.
Output Capacitor – CO
Thecapacitor,CO,filtersthecurrentthroughtheLEDs
thuslimitingthepeakcurrentoftheLEDstring.
Increasingtheinductorripplecurrentcorresponds
todecreasingtheinductorvalueandinductorsize.
Inordertoreducetheinductorvalueandsizeand
obtainasmallerLEDcurrentripple,theaddition
ofacapacitorCOisagoodwaytodothis.Usually,
aseveralμFoutputcapacitorisaddedinpractical
applicationcircuits.
AddingCOconnectedacrosstheLEDstringscan
reducetheLEDcurrentrippleandwhileincreasing
theinductorcurrentripplevariationcandecreasethe
inductorvalueandsize.
Toassumeinductorcurrentrippleis80%,asmaller
inductorvaluecouldbecalculated.
mH
mA
s
Ripple
I
V
n
T
L
LED
LED
off
460
.
1
8
.
0
400
3
.
3
8
7
.
17
max
_
=
×
×
×
=
×
×
×
=
µ
Choose L=1.4mH and CO=1μF
TheactualvaluesofCOandRCSmayneedtobe
adjustedtoreducethecurrentrippleandobtainthe
targetaverageLEDcurrent.A1μFcapacitorandan
RCSasshownintheabovecalculationareagood
startpointtoobtainanacceptableresult.Sinceit
takessomeeffort,itcanreducetheinductorsize/cost
significantly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com