Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7L4091 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7L4091
Description  Universal Step-Down PWM Control For High Brightness LED Lighting Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7L4091 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7L4091 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7L4091 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Rev. 1.20
2
March 12, 2013
HT7L4091
Block Diagram
LDO
Blank
OTP
R
S
Q
PWMD
0.25V
CS
PDM
VIN
GDR
GND
25V
VDD
RT
0.5V
QB
R
S
Q
QB
LD
100k
OSC
(jitter)
Power On
Reset
UVLO
ON
Pin Assignment
VIN
CS
GND
GDR
RT
LD
VDD
PDM
HT7L4091
8 SOP-A
1
2
3
4
8
7
6
5
Pin Description
Pin Name
I/O
Description
VIN
I
Input voltage pin
CS
I
LED string current sense input
GND
—
Power ground
GDR
O
Gate driver for the external MOSFET
PDM
I
PWM dimming pin
Also functions as enable input pin.
VDD
O
Positive Power supply
Used for the internal circuits except the gate driver circuit. A 0.1μF capacitor must be
connected between the VDD and the GND pins.
LD
I
Linear dimming pin
Set the current sense threshold as long as the voltage on this pin is less than 250mV (typ.).
RT
I
Oscillator control pin
A resistor is connected between the RT and the GND pins to set the off-time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com