Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT24LC02A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT24LC02A
Description  CMOS 2K 2-Wire Serial EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC02A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT24LC02A Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC02A Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC02A Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC02A Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC02A Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC02A Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC02A Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC02A Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC02A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Pin Description
Pin Name
I/O
Description
SDA
I/O
Serial data inputs/output
SCL
I
Serial clock data input
WP
I
Write protect
VSS
¾
Negative power supply, ground
VCC
¾
Positive power supply
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VCC+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=
-40°C ~ +85°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Conditions
VCC
Operating Voltage
¾-40°Cto+85°C
1.8
¾
5.5
V
ICC1
Operating Current
5V
Read at 100kHz
¾¾
2mA
ICC2
Operating Current
5V
Write at 100kHz
¾¾
5mA
VIL
Input Low Voltage
¾¾
-1
¾
0.3VCC
V
VIH
Input High Voltage
¾¾
0.7VCC
¾
VCC+0.5
V
VOL
Output Low Voltage
2.4V
IOL=2.1mA
¾¾
0.4
V
ILI
Input Leakage Current
5V
VIN=0 or VCC
¾¾
1
mA
ILO
Output Leakage Current
5V
VOUT=0 or VCC
¾¾
1
mA
ISTB1
Standby Current
5V
VIN=0 or VCC
¾¾
2
mA
ISTB2
Standby Current
1.8V
VIN=0 or VCC
¾¾
2
mA
CIN
Input Capacitance (See Note)
¾
f=1MHz, 25
°C
¾¾
6pF
COUT
Output Capacitance (See Note)
¾
f=1MHz, 25
°C
¾¾
8pF
Note:
These parameters are periodically sampled but not 100% tested
HT24LC02A
Rev. 1.00
2
January 29, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com