Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT24LC02A Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT24LC02A
Description  CMOS 2K 2-Wire Serial EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC02A Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT24LC02A Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC02A Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC02A Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC02A Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC02A Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC02A Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC02A Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC02A Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC02A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HT24LC02A
CMOS 2K 2-Wire Serial EEPROM
Selection Table
Part No.
Capacity
VDD
Clock
Rate
(kHz)
Write Speed
@2.4V(ms)
Operating
Current
@5.0V(mA)
Standby
Current
@5.0V(
mA)
Package
Marking
HT24LC02A
256
´8
1.8V~
5.5V
400
5
5
2
SOT23-5
2402A
8SOP
HT24LC02A
Block Diagram
Pin Assignment
Rev. 1.00
1
January 29, 2013
Features
· Operating voltage:
1.8V~5.5V for temperature
-40°Cto+85°C
· Low power consumption
- Operation: 5mA max.
- Standby: 2mA max.
· Internal organization: 256´8
· 2-wire serial interface
· Write cycle time: 5ms max.
· Automatic erase-before-write operation
· Partial page write allowed
· 8-byte Page write modes
· Write operation with built-in timer
· Hardware controlled write protection
· 40-year data retention
· 106 erase/write cycles per word
· Industrial temperature range (-40°Cto+85°C)
· Package Types: 8SOP and SOT23-5
General Description
The HT24LC02A is a 2K-bit serial read/write
non-volatile memory device using the CMOS floating
gate process. Its 2048 bits of memory are organized into
256 words and each word is 8 bits. The device is opti-
mized for use in many industrial and commercial appli-
cations where low power and low voltage operation are
essential. Up to eight HT24LC02A devices may be con-
nected to the same 2-wire bus. The HT24LC02A is
guaranteed for 1M erase/write cycles and 40-year data
retention.
1
2
3
4
8
7
6
5
H T 2 4 L C 0 2 A
8 S O P - A
N C
N C
N C
V S S
V C C
W P
S C L
S D A
H T 2 4 L C 0 2 A
S O T 2 3 - 5 - A
S D A
V S S
V C C
S C L
W P
T o p
V i e w
1
2
3
4
5
I / O
C o n t r o l
L o g i c
M e m o r y
C o n t r o l
L o g i c
S C L
S D A
A d d r e s s
C o u n t e r
V C C
V S S
X
D
E
C
E E P R O M
A r r a y
P a g e B u f
Y D E C
S e n s e A M P
R / W C o n t r o l
H V P u m p
W P


Similar Part No. - HT24LC02A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC02A HOLTEK-HT24LC02A_14 Datasheet
1Mb / 10P
CMOS 2K 2-Wire Serial EEPROM
January 16, 2014
More results

Similar Description - HT24LC02A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC01 HOLTEK-HT24LC01 Datasheet
248Kb / 8P
1K/2K 2-Wire CMOS Serial EEPROM
6th May 99
HT93LC56 HOLTEK-HT93LC56 Datasheet
375Kb / 10P
2K 3-Wire CMOS Serial EEPROM
6th May 99
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Sanyo Semicon Device
LE24C0221M SANYO-LE24C0221M Datasheet
101Kb / 11P
CMOS IC Two Wire Serial Interface EEPROM (2k EEPROM)
logo
Holtek Semiconductor In...
HT24LC02 HOLTEK-HT24LC02 Datasheet
123Kb / 12P
CMOS 2K 2-Wire Serial EEPROM
June 27, 2007
logo
Integrated Silicon Solu...
IS24C02D ISSI-IS24C02D Datasheet
487Kb / 18P
2K-bit 2-WIRE AUTOMOTIVE SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC02 HOLTEK-HT24LC02_10 Datasheet
134Kb / 14P
CMOS 2K 2-Wire Serial EEPROM
HT24LC02 HOLTEK-HT24LC02_14 Datasheet
2Mb / 12P
CMOS 2K 2-Wire Serial EEPROM
January 16, 2014
HT24LC02A HOLTEK-HT24LC02A_14 Datasheet
1Mb / 10P
CMOS 2K 2-Wire Serial EEPROM
January 16, 2014
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com