Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT24LC256 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT24LC256
Description  CMOS 256K 2-Wire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC256 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT24LC256 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Rev. 1.00
2
January 29, 2013
HT24LC256
Absolute Maximum Ratings
SupplyVoltage........................VSS−0.3VtoVSS+3.0V
StorageTemperature..................-50°Cto125°C
InputVoltage...........................VSS−0.3VtoVCC+0.3V
OperatingTemperature..................-40°Cto85°C
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“AbsoluteMaximumRatings”
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.
D.C Characteristics
Ta=-40ºCto85ºC
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC
Conditions
VCC
Operating Voltage
—
—
2.2
—
5.5
V
ICC1
Operating Current
5V
Read at 100kHz
—
—
2
mA
ICC2
Operating Current
5V
Write at 100kHz
—
—
5
mA
VIL
Input Low Voltage
—
—
-1
—
0.3VCC
V
VIH
Input High Voltage
—
—
0.7VCC
—
VCC+0.5
V
VOL
Output Low Voltage
2.4V
IOL=2.1mA
—
—
0.4
V
ILI
Input Leakage Current
5V
VIN=0 or VCC
—
0.1
2
μA
ILO
Output Leakage Current
5V
VOUT=0 or VCC
—
0.1
1
μA
ISTB1
Standby Current
5V
VIN=0 or VCC
—
—
3
μA
ISTB2
Standby Current
2.2V
VIN=0 or VCC
—
—
2
μA
CIN
Input Capacitance (See note)
—
fSK=1MHz @ 25˚C
—
—
6
pF
COUT
Output Capacitance (See note)
—
fSK=1MHz @ 25˚C
—
—
8
pF
Note:Theseparametersareperiodicallysampledbutnot100%tested.
A.C Characteristics
Ta=-40ºCto85ºC
Symbol
Parameter
Remark
VCC=2.2~5.5V VCC=2.5~5.5V
Unit
Min.
Max.
Min.
Max.
fSK
Clock Frequency
—
—
400
—
1000
kHz
tHIGH
Clock High Time
—
600
—
400
—
ns
tLOW
Clock Low Time
—
1200
—
600
—
ns
tr
SDA and SCL Rise Time
Note
—
300
—
300
ns
tf
SDA and SCL Fall Time
Note
—
300
—
300
ns
tHD:STA
START Condition Hold Time After this period the first clock pulse
is generated
600
—
250
—
ns
tSU:STA
START Condition Setup Time Only relevant for repeated START
condition
600
—
250
—
ns
tHD:DAT
Data Input Hold Time
—
0
—
0
—
ns
tSU:DAT
Data Input Setup Time
—
150
—
100
—
ns
tSU:STO
STOP Condition Setup Time
—
600
—
250
—
ns
tAA
Output Valid from Clock
—
—
900
—
600
ns
tBUF
Bus Free Time
Time in which the bus must be free
before a new transmission can start 1200
—
500
—
ns
tSP
Input Filter Time
(SDA and SCL Pins)
Noise suppression time
—
50
—
50
ns
tWR
Write Cycle Time
—
—
5
—
5
ms
Endurance 25ºC, Page Mode
5.0V
1,000,000
Write
Cycles
Note:Theseparametersareperiodicallysampledbutnot100%tested.Forrelativetiming,refertotimingdiagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com