Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT24LC256 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT24LC256
Description  CMOS 256K 2-Wire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC256 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT24LC256 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev. 1.00
3
January 29, 2013
HT24LC256
Functional Description
Pin Function
• Serialclock–SCL
ThepositiveedgeoftheSCLinputisusedtoclock
dataintotheEEPROMdevice.Thenegativeedge
isusedtoclockdataoutofthedevice.
• Serialdata–SDA
The SDA pin is bidirectional for serial data
transfer.Thepinisopendraindrivenandmaybe
wired-ORwithanynumberofotheropendrainor
opencollectordevices.
• AddressInputs–A0,A1,A2
TheA2,A1andA0pinsaredeviceaddressinputs
thatarehardwiredorleftnotconnected.Whenthe
pinsarehardwired,asmanyaseight256Kdevices
maybeaddressedonasinglebussystem(device
addressingisdiscussedindetailundertheDevice
Addressingsection).Theseinputsmustbetiedto
VCCorVSS,toestablishthedeviceselectcode.
• Writeprotect–WP
Thedevicehasawriteprotectpinthatprovides
hardwaredataprotection.Thewriteprotectpin
allowsnormalread/writeoperationsconnectedto
ground.Whenthewriteprotectpinisconnectedto
VCC,thewriteprotectionfeatureisenabledand
operatesasshowninthefollowingtable.
WP Pin Status
Protect Array
VCC
Full Array – 256K
VSS or floating
Normal Read/Write Operations
Memory Structure
Thedeviceisinternallystructuredinto32K8-bit
words.A15-bitdatawordaddressisrequiredfor
wordaddressing.
Device Operation
• Clockanddatatransition
Datatransfermaybeinitiatedonlywhenthebus
isnotbusy.Duringdatatransfer,thedataline
mustremainstablewhenevertheclocklineis
high.Changesinthedatalinewhiletheclockline
ishighwillbeinterpretedasaSTARTorSTOP
condition.
• Startcondition
Ahigh-to-lowtransitionofSDAwithSCLhigh
isastartconditionwhichmustprecedeanyother
command (refer to Start and Stop Definition
Timingdiagram).
• Stopcondition
Alow-to-hightransitionofSDAwithSCLhighis
astopcondition.Afterareadsequence,thestop
commandwillplacetheEEPROMinastandby
powermode(refertoStartandStopDefinition
TimingDiagram).
• Acknowledge
All addresses and data words are serially
transmittedtoandfromtheEEPROMin8-bit
words.TheEEPROMsendsazerotoacknowledge
thatithasreceivedeachword.Thishappensduring
theninthclockcycle.
SDA
SCL
Data allowed
to change
Start
condition
Stop
condition
No ACK
state
Address or
acknowledge valid
Start and Stop Definition Timing diagram
Device Addressing
The256KEEPROMdevicerequiresan8-bitdevice
addresswordfollowingastartconditiontoenablethe
chipforareadorwriteoperation.Thedeviceaddress
wordconsistsofamandatoryone,zerosequencefor
thefirstfourmostsignificantbits(refertothediagram
showingtheDeviceAddress).Thisiscommontoall
theEEPROMdevices.
The256KEEPROMusesthethreedeviceaddress
bitsA2,A1,A0toallowasmanyaseightdevices
onthesamebus.Thesebitsarecomparedtotheir
correspondinghardwiredinputpins.
The8thbitdeviceaddressistheread/writeoperation
selectbit.Areadoperationisinitiatedifthisbitis
highandawriteoperationisinitiatedifthisbitislow.
Ifthecomparisonofthedeviceaddressissuccessful,
theEEPROMwilloutputazeroACKbit.Ifnot,the
devicewillreturntothestandbystate.
10
A2
A1
A0
10
De vi ce A dd re ss
R/ W
Device Adress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com