Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT56RB27 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT56RB27
Description  TinyPowerTM A/D Type Smart Card OTP MCU with DAC, ISO 7816 and USB Interfaces
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB27 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT56RB27 Datasheet HTML 45Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 46Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 47Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 48Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 49Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 50Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 51Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 52Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 153 page
background image
PWM Register Pairs
- PWMnH/PWMnL (n=0~3)
PWMnH Register
Bit
76543210
Name
D11
D10
D9
D8
D7
D6
D5
D4
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
PWMnL Register
Bit
76543210
Name
D3
D2
D1
D0
¾¾¾
PWMnEN
R/W
R/W
R/W
R/W
R/W
¾¾¾
R/W
POR
0000
¾¾¾
0
²¾²
unimplemented, read as
²0²
D11~D4: PWMn duty DC value
D3~D0: PWMn duty AC value
PWMnEN: PWMn output enable control
0: I/O pin enable
1: PWM output pin enable
PWM Programming Example
The following sample program shows how the PWM output is setup and controlled.
mov
a,64h
; setup PWM0 value to 1600 decimal which is 640H
mov
pwm0h,a
; setup PWM0H register value
clr
pwm0l
; setup PWM0L register value
clr
pcc.4
; setup pin PC4 as an output
set
pwm0en
; set the PWM0 enable bit
set
pc.4
; Enable the PWM0 output
::
::
clr
pc.4
; PWM0 output disabled - PC4 will remain low
HT56RB27
TinyPowerTM A/D Type Smart Card OTP MCU
with DAC, ISO 7816 and USB Interfaces
Rev. 1.20
49
April 26, 2013
f S Y S / 2
P W M
[ P W M ] = 1 6 0 0
[ P W M ] = 1 6 0 1
P W M
[ P W M ] = 1 6 0 2
P W M
[ P W M ] = 1 6 1 5
P W M
P W M c y c l e : 4 0 9 6 / f S Y S
1 0 0 / 2 5 6
1 0 1 / 2 5 6
1 0 1 / 2 5 6
1 0 1 / 2 5 6
M o d u l a t i o n c y c l e 0
P W M m o d u l a t i o n p e r i o d : 2 5 6 / f S Y S
M o d u l a t i o n c y c l e 1
M o d u l a t i o n c y c l e 2
M o d u l a t i o n c y c l e 1 5
M o d u l a t i o n c y c l e 0
1 0 0 / 2 5 6
1 0 0 / 2 5 6
1 0 0 / 2 5 6
1 0 1 / 2 5 6
1 0 0 / 2 5 6
1 0 1 / 2 5 6
1 0 1 / 2 5 6
1 0 1 / 2 5 6
1 0 0 / 2 5 6
1 0 0 / 2 5 6
1 0 0 / 2 5 6
1 0 0 / 2 5 6
1 0 0 / 2 5 6
1 0 1 / 2 5 6
1 0 1 / 2 5 6
1 0 1 / 2 5 6
8+4 PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com