Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT56RB27 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT56RB27
Description  TinyPowerTM A/D Type Smart Card OTP MCU with DAC, ISO 7816 and USB Interfaces
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB27 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT56RB27 Datasheet HTML 17Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 18Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 19Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 20Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 21Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 22Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 23Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 24Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 153 page
background image
For instructions involving branches, such as jump or call instructions, two machine cycles are required
to complete instruction execution. An extra cycle is required as the program takes one cycle to first
obtain the actual jump or call address and then another cycle to actually execute the branch. The
requirement for this extra cycle should be taken into account by programmers in timing sensitive
applications.
Program Counter
During program execution, the Program Counter is used to keep track of the address of the next
instruction to be executed. It is automatically incremented by one each time an instruction is executed
except for instructions, such as
²JMP² or ²CALL² that demand a jump to a non-consecutive Program
Memory address. It must be noted that only the lower 8 bits, known as the Program Counter Low
Register, are directly addressable.
When executing instructions requiring jumps to non-consecutive addresses such as a jump instruction,
a subroutine call, interrupt or reset, etc., the microcontrollers manages program control by loading the
required address into the Program Counter. For conditional skip instructions, once the condition has
been met, the next instruction, which has already been fetched during the present instruction
execution, is discarded and a dummy cycle takes its place while the correct instruction is obtained.
HT56RB27
TinyPowerTM A/D Type Smart Card OTP MCU
with DAC, ISO 7816 and USB Interfaces
Rev. 1.20
21
April 26, 2013
Mode
Program Counter Bits
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Initial Reset
0
00000
0000000000
Smart Card Interrupt
0
00000
0000000100
USB Interrupt
0
00000
0000001000
External Interrupt 0
0
00000
0000001100
External Interrupt 1
0
00000
0000010000
Timer/Event Counter 1 Overflow
0
00000
0000010100
Timer/Event Counter 0 Overflow
0
00000
0000011000
Smart Card Insertion/Removal
Interrupt
0
00000
0000011100
A/D Converter Interrupt
0
00000
0000100000
Multi-Function 0 Interrupt
0
00000
0000100100
Multi-Function 1 Interrupt
0
00000
0000101000
Skip
Program Counter+2 (within current bank)
Loading PCL
PC15 PC14 PC13 PC12 PC11 PC10 PC9 PC8 @7 @6 @5 @4 @3 @2 @1 @0
Jump, Call Branch
BP.7
BP.6
BP.5
#12
#11
#10
#9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return from Subroutine
S15
S14
S13
S12
S11
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Program Counter
Note:
PC15~PC8: Current Program Counter bits
@7~@0: PCL bits
#12~#0: Instruction code address bits
S15~S0: Stack register bits
BP.7, BP.6, BP.5: Bank pointer bits
1 3 1 2
8 7
0
P r o g r a m C o u n t e r
B P
. 5
B a n k P o i n t e r ( B P )
B P
. 6
1 4
B P
. 7
1 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com