Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9252 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT9252
Description  Low Voltage Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9252 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT9252 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Rev. 1.00
3
December 14, 2012
HT9251/HT9252/HT9254
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"AbsoluteMaximumRatings"
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.
Electrical Characteristics
Unlessotherwiseindicated,VSS=GND,TA=25°C,VCM=VDD/2,VOUT≈VDD/2,VL=VDD/2,andRL=100kΩtoVL,CL=60pF.
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
VDD
Conditions
VDD
Supply Voltage
—
—
1.8
—
5.5
V
VOS
Input Offset Voltage
5V
VCM=0~3V
-6
—
+6
mV
ΔVOS/ΔT Temperature Drift
5V
VIN=VCM/2
—
±2
—
uV/°C
IOS
Input Offset Current
5V
TA=25°C
—
±5
—
pA
IB
Input Bias Current
5V
TA=25°C
—
±50
—
pA
VCM
Input Common Mode Range
5V
TA=25°C
VSS+20
—
VDD-20
mV
VOH, VOL
Maximum Output Voltage Swing
5V
0.5V input overdrive
RL=100kΩ to VL
VSS+35
—
VDD-35
mV
AOL
DC Open-Loop Gain - Large Signal
5V
VOUT=35mV to VDD−35mV
VIN=VCM/2
70
100
—
dB
GBW
Gain Bandwidth Product
5V
RL=10kΩ, CL=60pF,
VIN=VCM/2
—
550
—
kHz
Фm
Phase Margin
5V
RL=10kΩ, CL=60pF
G=+1V/V, VIN+= VDD/2
—
68
—
Degree
CMRR
Common Mode Rejection Ratio
5V
VCM = VSS+20mV to VDD-
20mV
75
—
dB
PSRR
Power Supply Rejection Ratio
5V
VIN=0.2V
65
95
—
dB
ICC
Supply Current per Single Amplifier
5V
Io=0A
30
50
70
uA
SR
Slew Rate at Unity Gain
5V
RL=100kΩ, CL=60pF
—
0.3
—
V/µs
ISC
Output Short Circuit Current
1.8V
—
±6
--
mA
5.5V
—
±23
--
mA
Absolute Maximum Ratings
SupplyVoltage.....................................................6.0V
Inputvoltagerange.................VSS–0.3VtoVDD+0.3V
DifferentialInputVoltage....................... ±(VDD–VSS)
ESDprotection-allpins(HBM;MM).....≥4kV;200V
StorageTemperature.......................... -65°Cto150°C
OperatingTemperature......................... -40°Cto85°C
JunctionTemperature......................................... 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com