Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9252 Datasheet (PDF) - Holtek Semiconductor Inc

HT9252 Datasheet PDF - Holtek Semiconductor Inc
Part # HT9252
Download  HT9252 Download
File Size   1802.68 Kbytes
Page   15 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Low Voltage Operational Amplifiers

HT9252 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT9252 Datasheet PDF - Holtek Semiconductor Inc

Part # HT9252
Download  HT9252 Click to download

File Size   1802.68 Kbytes
Page   15 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Low Voltage Operational Amplifiers

HT9252 Datasheet (HTML) - Holtek Semiconductor Inc


HT9252 Product details

General Description

The HT9251/HT9252/HT9254 family of operational

amplifiers offer the benefits of operating with a single supply voltage as low as 1.8V and with a supply current of 50μA/amplifier. The devices also provide full

rail-to-rail input and output operation. The device range

has a gain bandwidth product of 550kHz and is unity

gain stable. Available in singe, dual and quad versions,

along with a range of package types, this range of Low

Voltage Operational Amplifiers will find excellent use

in a wide range of applications for portable devices and

battery powered equipment.



Features

• Supply voltage range from 1.8V to 5.5V

• Supply Current: 50μA/amplifier - typical

• Rail-to-Rail Input/Output

• Gain Bandwidth: 550kHz - typical

• Available in Single, Dual and Quad versions

• Range of package types



Applications

• Automotive Applications

• Portable Equipment

• Photodiode Amplifiers

• Analog Filters

• Battery Powered Systems




Similar Part No. - HT9252

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9200 HOLTEK-HT9200 Datasheet
282Kb / 8P
DTMF Generators
21st Aug 98
HT9200A HOLTEK-HT9200A Datasheet
282Kb / 8P
DTMF Generators
21st Aug 98
HT9200A HOLTEK-HT9200A Datasheet
139Kb / 14P
DTMF Generators
August 30, 2004
logo
SYC Electronica
HT9200A SYC-HT9200A Datasheet
235Kb / 8P
DTMF Generators
logo
Holtek Semiconductor In...
HT9200A HOLTEK-HT9200A_04 Datasheet
139Kb / 14P
DTMF Generators
August 30, 2004
More results


Similar Description - HT9252

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2361 TI-TLV2361 Datasheet
274Kb / 17P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
logo
Rohm
BU7261G ROHM-BU7261G Datasheet
721Kb / 33P
Low Voltage Operation CMOS Operational Amplifiers
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8517 AD-AD8517_15 Datasheet
161Kb / 12P
Low Voltage Operational Amplifiers
REV. B
AD8527 AD-AD8527_15 Datasheet
161Kb / 12P
Low Voltage Operational Amplifiers
REV. B
logo
Unisonic Technologies
MC33272 UTC-MC33272 Datasheet
165Kb / 6P
VOLTAGE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2361 TI1-TLV2361_16 Datasheet
1Mb / 23P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
LM2902LV TI1-LM2902LV Datasheet
1Mb / 34P
Industry Standard, Low Voltage Operational Amplifiers
LM2902LV TI1-LM2902LV_19 Datasheet
2Mb / 40P
Industry Standard, Low Voltage Operational Amplifiers
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com