Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL34D Datasheet(PDF) 2 Page - First Components International

Part # GL34D
Description  0.5 Amp Silicon Passivated Rectifiers CASE: MOLDED PLASTIC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

GL34D Datasheet(HTML) 2 Page - First Components International

  GL34D Datasheet HTML 1Page - First Components International GL34D Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V.
2. Thermal Resistance Junction to Case, 5.0mm2 copper pad to each terminal.
3. Thermal Resistance Junction to Ambient, 5.0mm2 copper pad to each terminal.
Ratings at
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 HZ
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Forward Current Derating Curve
Terminal Temperature (°°°°°C)
Non-Repetitive
Peak Forward Surge Current
Typical Instantaneous Forward Characteristics
Volts
Typical Junction Capacitance
Reverse Voltage (Volts)
Number of Cycles @ 60 HZ
0.5 Amp Silicon
Passivated Rectifiers



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com