Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL34D Datasheet(PDF) 1 Page - First Components International

Part # GL34D
Description  0.5 Amp Silicon Passivated Rectifiers CASE: MOLDED PLASTIC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

GL34D Datasheet(HTML) 1 Page - First Components International

  GL34D Datasheet HTML 1Page - First Components International GL34D Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
n LOW COST
n CASE: MOLDED PLASTIC
Mechanical Dimensions
Electrical Characteristics @ 25oC.
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
GL34A . . . 34J Series
Average Forward Rectified Current...I
F(av)
@ T
A = 75°C
Peak Forward Surge Current...I
FSM
8.3ms single half sine wave superimposed on
rated load (JEDEC Method)
Max. Full Load Reverse Current...I
R(AV)
Full Cycle Average @ T
A = 55°C
Max. InstantaneousForward Voltage @ 1.0A...V
F
Max. DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
A =25°C
T
A = 125°C
Typical Junction Capacitance...C
J (Note 1)
Max. Thermal Resistance...R
θJC (Note 2)
Max. Thermal Resistance...R
θJA (Note 3)
Operating & Storage Temperature Range...T
J, TSTRG
Data Sheet
0.5 Amp Silicon
Passivated Rectifiers
GL34A
GL34B
GL34D
GL34G
GL34J
5 0
100
200
400
600
3 5
7 0
140
280
420
5 0
100
200
400
600
............................................. 1.0 ...............................................
............................................. 10.0 ...............................................
............................................. 50.0 ...............................................
............................................. 1.1 ...............................................
Volts
Volts
Volts
Units
n 0.5 AMP OPERATION @ T
A = 75°C, WITH
NO THERMAL RUNAWAY
n LOW LEAKAGE CURRENT
Amps
Amps
µAmps
Volts
............................................. 5.0 ...............................................
............................................. 250 ...............................................
............................................. 4.0 ...............................................
............................................. 70.0 ...............................................
............................................. 125.0 ..............................................
......................................... -65 to 125 ..........................................
µAmps
µAmps
pF
°C/W
°C/W
°C
DO-213AA


Similar Part No. - GL34D

ManufacturerPart #DatasheetDescription
logo
Dc Components
GL34D DCCOM-GL34D Datasheet
340Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
Formosa MS
GL34D FORMOSA-GL34D Datasheet
66Kb / 2P
Silicon passivated type
logo
General Semiconductor
GL34D GE-GL34D Datasheet
80Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING JUNCTION RECTIFIER
logo
Micro Commercial Compon...
GL34D MCC-GL34D Datasheet
354Kb / 2P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
GL34D DIOTEC-GL34D Datasheet
170Kb / 2P
Surface Mount Si-Rectifiers
More results

Similar Description - GL34D

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MDB051 JGD-MDB051 Datasheet
128Kb / 2P
SINGLE PHASE 0.5 AMP GLAS PASSIVATED BRIDGE RECTIFIERS
MDBL054 JGD-MDBL054 Datasheet
141Kb / 2P
SINGLE PHASE 0.5 AMP GLAS PASSIVATED BRIDGE RECTIFIERS
MSB051 JGD-MSB051 Datasheet
132Kb / 2P
SINGLE PHASE 0.5 AMP GLAS PASSIVATED BRIDGE RECTIFIERS
MSBL054 JGD-MSBL054 Datasheet
161Kb / 2P
SINGLE PHASE 0.5 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
GL34A UNIOHM-GL34A Datasheet
61Kb / 2P
0.5 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
TMBR6S05 SECOS-TMBR6S05 Datasheet
118Kb / 2P
0.5 Amp Silicon Bridge Rectifiers
logo
DIYI Electronic Technol...
6A05 DYELEC-6A05 Datasheet
486Kb / 2P
6.0 AMP. Silicon Rectifiers Plastic
logo
First Components Intern...
RL801 FCI-RL801 Datasheet
85Kb / 2P
8.0 Amp Glass Passivated PLASTIC SILICON RECTIFIERS
SMA4001M FCI-SMA4001M Datasheet
107Kb / 2P
1.0 Amp GLASS PASSIVATED MINIATURE PLASTIC SILICON RECTIFIERS
logo
SHIKUES Electronics
10A05 SKTECHNOLGY-10A05 Datasheet
820Kb / 2P
10.0 AMP. Plastic Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com