Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC1502 Datasheet(PDF) 3 Page - First Components International

Part # KBPC1502
Description  15Amps Single Phase Silicon Bridge Mounting Position: Any
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

KBPC1502 Datasheet(HTML) 3 Page - First Components International

  KBPC1502 Datasheet HTML 1Page - First Components International KBPC1502 Datasheet HTML 2Page - First Components International KBPC1502 Datasheet HTML 3Page - First Components International KBPC1502 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NOTES: 1. Corrosion-Resistant Terminals Designed for .250" Female Quick Connect Wrap Around
or Solder.
2. A Thin Film of Silicone Thermal Compound is Recommended Between Bridge and
Mounting Surface for Improved Thermal Conduction.
3. These FCI Bridges Are Also Available in Fast Recovery, In Positive and Negative Center
Tap and in Double Configurations. Consult with FCI for Your Special Requirements.
Ratingsat
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 HZ
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
1
5Amps
Single Phase Silicon Bridge



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com