Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC1502 Datasheet(PDF) 1 Page - First Components International

Part # KBPC1502
Description  15Amps Single Phase Silicon Bridge Mounting Position: Any
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

KBPC1502 Datasheet(HTML) 1 Page - First Components International

  KBPC1502 Datasheet HTML 1Page - First Components International KBPC1502 Datasheet HTML 2Page - First Components International KBPC1502 Datasheet HTML 3Page - First Components International KBPC1502 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Maximum Ratings & Thermal Characteristics
Rating at 25 C ambient temperature unless otherwise specified, Resistive or Inductive load, 60 Hz.
For Capacitive load derate current by 20%.
Parameter
Symbol
unit
Maximum repetitive peak reverse voltage
Maximum RMS bridge input voltage
Maximum DC blocking voltage
Maximum average forward rectified
output current at TA=55 C
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
Rating for fusing ( t<8.3ms)
Typical thermal resistance per element (1)
Operating junction and storage temperature
range
Isolation voltage from case to leads
VRRM
VRMS
VDC
IF(AV)
I t
2
IFSM
ReJA
TJ,
TSTG
50
100
200
400
800
1000 1200
600
35
70
140
280
420
560
700 840
50
100
200
400
600
800
1000
V
V
V
A
A
A
2
sec
KBPC
1500
KBPC
1501
KBPC
1502
KBPC
1504
KBPC
1506
KBPC
1508
KBPC
1510
Mechanical Data
Case: Metal case
Terminals: Plated .25" (6.53mm) Faston
Mounting Position: Any
Weight: 0.706 ounce, 20 grams (approx)
Mounting Position: Bolt down on heat-sink with silicone thermal
compound between bridges and mounting surface for
maximum heat transfer efficiency
300
2.1
-55 to + 150
15
2500
374
Dimensions in millimeters (1mm=0.0394")
MAX instantaneous forward voltage drop / leg 7.5A
VF
1.0
V
MAX DC reverse current at rated Ta=25C
IR
10
uA
DC blocking voltage per element Ta=125C
500
uA
Features
This series is UL listed under the Recognized
Component Index, file number E142814
The plastic material used carries Underwriters Laboratory
flammability recognition 94V-0
Surge overload ratings to 300 amperes
High temperature soldering guaranteed 265 C/10
seconds at 5 lbs (2.3kg) tension
Universal 4-way terminals, snap-on, wrap-around,
solder or P.C. Board mounting
C/W
Vac
1200
KBPC
1512
Description
K
BPC-MF
1
5Amps
Single Phase Silicon Bridge
K
BPC-PW
K
BPC-MW
K
BPC-PF
K
BPC-S


Similar Part No. - KBPC1502

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC1502 WTE-KBPC1502 Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
Semtech Corporation
KBPC1502 SEMTECH-KBPC1502 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC1502 SSE-KBPC1502 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC1502 CHENYI-KBPC1502 Datasheet
174Kb / 2P
SINGLE PHASE SILICON SINGLE PHASE SILICON
logo
Dc Components
KBPC1502 DCCOM-KBPC1502 Datasheet
431Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC1502

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BR1005 GOOD-ARK-BR1005 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
BR305 GOOD-ARK-BR305 Datasheet
45Kb / 2P
SINGLE-PHASE SILICON BRIDGE
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
SINGLE-PHASE SILICON BRIDGE
KBU4 GOOD-ARK-KBU4 Datasheet
171Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
GBJ-KBJ15005 YANGJIE-GBJ-KBJ15005 Datasheet
301Kb / 2P
SINGLE PHASE 15AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
First Components Intern...
GBPC1500 FCI-GBPC1500 Datasheet
275Kb / 4P
15Amps Glass Passivatied Single Phase Silicon Bridge
KBPC4000 FCI-KBPC4000 Datasheet
316Kb / 3P
40 Amps Plastic case Silicon Bridge Rectifiers Mounting Position: Any
logo
Micro Commercial Compon...
W005M MCC-W005M_11 Datasheet
310Kb / 3P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts Any Mounting Position
logo
List of Unclassifed Man...
90-160 ETC2-90-160 Datasheet
284Kb / 2P
Any position mounting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com