Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4100A Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPX4100A
Description  INTEGRATED PRESSURE SENSOR 20 to 105 kPa (2.9 to 15.2 psi) 0.3 to 4.9 V Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX4100A Datasheet(HTML) 1 Page - Motorola, Inc

  MPX4100A Datasheet HTML 1Page - Motorola, Inc MPX4100A Datasheet HTML 2Page - Motorola, Inc MPX4100A Datasheet HTML 3Page - Motorola, Inc MPX4100A Datasheet HTML 4Page - Motorola, Inc MPX4100A Datasheet HTML 5Page - Motorola, Inc MPX4100A Datasheet HTML 6Page - Motorola, Inc MPX4100A Datasheet HTML 7Page - Motorola, Inc MPX4100A Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Sensor Device Data
Integrated Silicon Pressure Sensor
Manifold Absolute Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated
and Calibrated
The Motorola MPX4100 series Manifold Absolute Pressure (MAP) sensor for engine
control is designed to sense absolute air pressure within the intake manifold. This
measurement can be used to compute the amount of fuel required for each cylinder. The
small form factor and high reliability of on–chip integration makes the Motorola MAP
sensor a logical and economical choice for automotive system designers.
Features
• 1.8% Maximum Error Over 0° to 85°C
• Specifically Designed for Intake Manifold Absolute Pressure Sensing in Engine
Control Systems
• Ideally Suited for Microprocessor Interfacing
• Patented Silicon Shear Stress Strain Gauge
• Temperature Compensated Over –40°C to +125°C
• Durable Epoxy Unibody Element
• Ideal for Non–Automotive Applications
Application Examples
• Manifold Sensing for Automotive Systems
Figure 1. Fully Integrated Pressure Sensor Schematic
VS
3
X–ducer
SENSING
ELEMENT
1
Vout
2
GND
THIN FILM
TEMPERATURE
COMPENSATION
AND
GAIN STAGE #1
GAIN STAGE #2
AND
GROUND
REFERENCE
SHIFT CIRCUITRY
PINS 4, 5 AND 6 ARE NO CONNECTS
The MPX4100 series piezoresistive transducer is a state–
of–the–art, monolithic, signal conditioned, silicon pressure
sensor. This sensor, with its patented transducer, combines
advanced micromachining techniques, thin film metallization,
and bipolar semiconductor processing to provide an
accurate, high level analog output signal that is proportional
to applied pressure.
Figure 1 shows a block diagram of the internal circuitry in-
tegrated on a pressure sensor chip.
Senseon and X–ducer are trademarks of Motorola, Inc.
Order this document
by MPX4100/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1997
MPX4100
SERIES
INTEGRATED
PRESSURE SENSOR
20 to 105 kPa (2.9 to 15.2 psi)
0.3 to 4.9 V Output
PIN NUMBER
NOTE: Pins 4, 5, and 6 are internal
device connections. Do not connect
to external circuitry or ground. Pin 1
is noted by the notch in the Lead.
BASIC CHIP CARRIER
ELEMENT
CASE 867–08, STYLE 1
1
2
3
Vout
Gnd
VS
4
5
6
N/C
N/C
N/C
REV 3


Similar Part No. - MPX4100A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4100A FREESCALE-MPX4100A Datasheet
236Kb / 10P
INTEGRATED PRESSURE SENSOR
logo
NXP Semiconductors
MPX4100A NXP-MPX4100A Datasheet
213Kb / 13P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 9, 1/2009
logo
Freescale Semiconductor...
MPX4100AP FREESCALE-MPX4100AP Datasheet
236Kb / 10P
INTEGRATED PRESSURE SENSOR
logo
NXP Semiconductors
MPX4100AP NXP-MPX4100AP Datasheet
213Kb / 13P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 9, 1/2009
logo
Freescale Semiconductor...
MPX4100AS FREESCALE-MPX4100AS Datasheet
236Kb / 10P
INTEGRATED PRESSURE SENSOR
More results

Similar Description - MPX4100A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX4101 MOTOROLA-MPX4101 Datasheet
134Kb / 8P
INTEGRATED PRESSURE SENSOR 15 to 102 kPa (2.18 to 14.8 psi) 0.25 to 4.95 V Output
MPX4105 MOTOROLA-MPX4105 Datasheet
98Kb / 6P
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 15 to 105 kPa (2.18 to 15.2 psi) 0.31 to 4.90 Volts Output
MPX4200 MOTOROLA-MPX4200 Datasheet
142Kb / 8P
INTEGRATED PRESSURE SENSOR 20 to 200 kPa (2.9 to 29 psi) 0.3 to 4.9 V OUTPUT
MPX4250 MOTOROLA-MPX4250 Datasheet
145Kb / 8P
INTEGRATED PRESSURE SENSOR 20 to 250 kPa (2.9 to 36.3 psi) 0.2 to 4.9 V OUTPUT
MPX5010 MOTOROLA-MPX5010 Datasheet
191Kb / 10P
INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
MPX5700 MOTOROLA-MPX5700 Datasheet
148Kb / 8P
INTEGRATED PRESSURE SENSOR 0 to 700 kPa (0 to 101.5 psi) 0.2 to 4.7 V OUTPUT
logo
Freescale Semiconductor...
MPXHZ6130A FREESCALE-MPXHZ6130A Datasheet
199Kb / 8P
INTEGRATED PRESSURE SENSOR 15 TO 130 kPa (2.2 TO 18.9 PSI) 0.2 TO 4.8 V OUTPUT
MPX4250A FREESCALE-MPX4250A Datasheet
258Kb / 12P
INTEGRATED PRESSURE SENSOR 20 TO 250 kPA (2.9 TO 36.3 psi) 0.2 TO 4.9 V OUTPUT
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
0.3 psi to 15 psi Pressure Sensors
Rev A
DS-0031 ASC-DS-0031 Datasheet
47Kb / 4P
0.3 psi to 15 psi Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com