Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4105 Datasheet (PDF) - Motorola, Inc

MPX4105 Datasheet PDF - Motorola, Inc
Part # MPX4105
Download  MPX4105 Download
File Size   98.38 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 15 to 105 kPa (2.18 to 15.2 psi) 0.31 to 4.90 Volts Output

MPX4105 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPX4105 Datasheet PDF - Motorola, Inc

Part # MPX4105
Download  MPX4105 Click to download

File Size   98.38 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 15 to 105 kPa (2.18 to 15.2 psi) 0.31 to 4.90 Volts Output

MPX4105 Datasheet (HTML) - Motorola, Inc


MPX4105 Product details

Integrated Silicon Pressure Sensor Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated

The Motorola MPX4105 series Manifold Absolute Pressure (MAP) sensor for engine control is designed to sense absolute air pressure within the intake manifold. This measurement can be used to compute the amount of fuel required for each cylinder. The small form factor and high reliability of on–chip integration makes the Motorola MAP sensor a logical and economical choice for automotive system designers.
The MPX4105 series piezoresistive transducer is a state–of–the–art, monolithic, signal conditioned silicon pressure sensor. This sensor with its patented transducer, combines advanced micromachining techniques, thin film metallization, and bipolar semiconductor processing to provide an accurate, high level analog output signal that is proportional to applied pressure.
Figure 1 shows a block diagram of the internal circuitry integrated on a pressure sensor chip.

Features
• 1.7% Maximum Error over 0° to 85°C
• Specifically Designed for Intake Manifold Absolute Pressure Sensing in Engine Control Systems
• Ideally Suited for Microprocessor Interfacing
• Patented Silicon Shear Stress Strain Gauge
• Temperature Compensated over –40°C to +125°C
• Durable Epoxy Unibody Element
• Ideal for Non–Automotive Applications
• Consult Factory for Top Piston Fit Package Availability

Application Examples
• Manifold Sensing for Automotive Systems




Similar Part No. - MPX4105

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX4105A MOTOROLA-MPX4105A Datasheet
127Kb / 6P
4105A: 15-105 kPa X-ducer SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPX4105A FREESCALE-MPX4105A Datasheet
177Kb / 7P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned
logo
NXP Semiconductors
MPX4105A NXP-MPX4105A Datasheet
113Kb / 7P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Applications, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 8, 1/2009
More results


Similar Description - MPX4105

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX4100 MOTOROLA-MPX4100 Datasheet
135Kb / 8P
INTEGRATED PRESSURE SENSOR 20 to 105 kPa (2.9 to 15.2 psi) 0.3 to 4.9 V Output
MPX4101 MOTOROLA-MPX4101 Datasheet
134Kb / 8P
INTEGRATED PRESSURE SENSOR 15 to 102 kPa (2.18 to 14.8 psi) 0.25 to 4.95 V Output
MPX4115 MOTOROLA-MPX4115 Datasheet
142Kb / 8P
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 15 to 115kPa (2.18 to 16.7 psi) 0.2 to 4.8 Volts Output
MPX4200 MOTOROLA-MPX4200 Datasheet
142Kb / 8P
INTEGRATED PRESSURE SENSOR 20 to 200 kPa (2.9 to 29 psi) 0.3 to 4.9 V OUTPUT
MPX4250D MOTOROLA-MPX4250D Datasheet
148Kb / 8P
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output
MPX5010 MOTOROLA-MPX5010 Datasheet
191Kb / 10P
INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
MPX5050 MOTOROLA-MPX5050 Datasheet
189Kb / 10P
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 50 kPa (0 to 7.25 psi) 0.2 to 4.7 Volts Output
MPX5700 MOTOROLA-MPX5700 Datasheet
148Kb / 8P
INTEGRATED PRESSURE SENSOR 0 to 700 kPa (0 to 101.5 psi) 0.2 to 4.7 V OUTPUT
logo
Freescale Semiconductor...
MPXHZ6130A FREESCALE-MPXHZ6130A Datasheet
199Kb / 8P
INTEGRATED PRESSURE SENSOR 15 TO 130 kPa (2.2 TO 18.9 PSI) 0.2 TO 4.8 V OUTPUT
MPX4250A FREESCALE-MPX4250A Datasheet
258Kb / 12P
INTEGRATED PRESSURE SENSOR 20 TO 250 kPA (2.9 TO 36.3 psi) 0.2 TO 4.9 V OUTPUT
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com