Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4250D Datasheet (PDF) - Motorola, Inc

MPX4250D Datasheet PDF - Motorola, Inc
Part # MPX4250D
Download  MPX4250D Download
File Size   148.15 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output

MPX4250D Datasheet (PDF)

Go To PDF Page Download Datasheet
MPX4250D Datasheet PDF - Motorola, Inc

Part # MPX4250D
Download  MPX4250D Click to download

File Size   148.15 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output

MPX4250D Datasheet (HTML) - Motorola, Inc


MPX4250D Product details

Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated

The MPX4250D series piezoresistive transducer is a state–of–the–art monolithic silicon pressure sensor designed for a wide range of applications, but particularly those employing a microcontroller or microprocessor with A/D inputs. This patented, single element transducer combines advanced micromachining techniques, thin–film metallization, and bipolar processing to provide an accurate, high level analog output signal that is proportional to the applied pressure.

Features
• Differential and Gauge Applications Only
• 1.4% Maximum Error Over 0° to 85°C
• Ideally suited for Microprocessor Interfacing
• Patented Silicon Shear Stress Strain Gauge
• Temperature Compensated Over –40° to +125°C
• Offers Reduction in Weight and Volume Compared to Existing Hybrid Modules
• Durable Epoxy Unibody Element




Similar Part No. - MPX4250D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4250D FREESCALE-MPX4250D Datasheet
238Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPX4250D NXP-MPX4250D Datasheet
173Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 7, 1/2009
MPX4250D NXP-MPX4250D Datasheet
505Kb / 14P
0 to 250 kPa, Differential, gauge pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 8.0-25 July 2017
logo
Freescale Semiconductor...
MPX4250DP FREESCALE-MPX4250DP Datasheet
238Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPX4250DP NXP-MPX4250DP Datasheet
173Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 7, 1/2009
More results


Similar Description - MPX4250D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX4105 MOTOROLA-MPX4105 Datasheet
98Kb / 6P
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 15 to 105 kPa (2.18 to 15.2 psi) 0.31 to 4.90 Volts Output
MPX4115 MOTOROLA-MPX4115 Datasheet
142Kb / 8P
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 15 to 115kPa (2.18 to 16.7 psi) 0.2 to 4.8 Volts Output
MPX4250 MOTOROLA-MPX4250 Datasheet
145Kb / 8P
INTEGRATED PRESSURE SENSOR 20 to 250 kPa (2.9 to 36.3 psi) 0.2 to 4.9 V OUTPUT
MPX5010 MOTOROLA-MPX5010 Datasheet
191Kb / 10P
INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
MPX5050 MOTOROLA-MPX5050 Datasheet
189Kb / 10P
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 50 kPa (0 to 7.25 psi) 0.2 to 4.7 Volts Output
MPX5700 MOTOROLA-MPX5700 Datasheet
148Kb / 8P
INTEGRATED PRESSURE SENSOR 0 to 700 kPa (0 to 101.5 psi) 0.2 to 4.7 V OUTPUT
logo
Freescale Semiconductor...
MPXHZ6130A FREESCALE-MPXHZ6130A Datasheet
199Kb / 8P
INTEGRATED PRESSURE SENSOR 15 TO 130 kPa (2.2 TO 18.9 PSI) 0.2 TO 4.8 V OUTPUT
MPX4250A FREESCALE-MPX4250A Datasheet
258Kb / 12P
INTEGRATED PRESSURE SENSOR 20 TO 250 kPA (2.9 TO 36.3 psi) 0.2 TO 4.9 V OUTPUT
logo
Honeywell Solid State E...
1800-07D-L4N-B HONEYWELL-1800-07D-L4N-B Datasheet
346Kb / 4P
TO-8, 0 psi to 3 psi, 0 psi to 150 psi Silicon Pressure Sensors
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com