Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4115 Datasheet (PDF) - Motorola, Inc

MPX4115 Datasheet PDF - Motorola, Inc
Part # MPX4115
Download  MPX4115 Download
File Size   142.1 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 15 to 115kPa (2.18 to 16.7 psi) 0.2 to 4.8 Volts Output

MPX4115 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPX4115 Datasheet PDF - Motorola, Inc

Part # MPX4115
Download  MPX4115 Click to download

File Size   142.1 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 15 to 115kPa (2.18 to 16.7 psi) 0.2 to 4.8 Volts Output

MPX4115 Datasheet (HTML) - Motorola, Inc


MPX4115 Product details

Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Altimeter/Barometer Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated



The MPX4115 series is designed to sense absolute air pressure in an altimeter or barometer (BAP) applications. Motorola’s BAP sensor integrates on–chip, bipolar op amp circuitry and thin film resistor networks to provide a high level analog output signal and temperature compensation. The small form factor and high reliability of on–chip integration makes the Motorola BAP sensor a logical and economical choice for application designers.



Features

• 1.5% Maximum Error over 0° to 85°C

• Ideally suited for Microprocessor or Microcontroller–Based Systems

• Patented Silicon Shear Stress Strain Gauge

• Available in Absolute, Differential and Gauge Configurations

• Durable Epoxy Unibody Element

• Easy–to–Use Chip Carrier Option



Application Examples

• Altimeter

• Barometer



 




Similar Part No. - MPX4115

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4115 FREESCALE-MPX4115 Datasheet
256Kb / 2P
Pressure Sensor Functional Package Board
REV 0
MPX4115A FREESCALE-MPX4115A Datasheet
740Kb / 9P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure,Altimeter or Baromater Applications
MPX4115AP FREESCALE-MPX4115AP Datasheet
740Kb / 9P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure,Altimeter or Baromater Applications
MPX4115AS FREESCALE-MPX4115AS Datasheet
740Kb / 9P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure,Altimeter or Baromater Applications
More results


Similar Description - MPX4115

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX4101 MOTOROLA-MPX4101 Datasheet
134Kb / 8P
INTEGRATED PRESSURE SENSOR 15 to 102 kPa (2.18 to 14.8 psi) 0.25 to 4.95 V Output
MPX4105 MOTOROLA-MPX4105 Datasheet
98Kb / 6P
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 15 to 105 kPa (2.18 to 15.2 psi) 0.31 to 4.90 Volts Output
MPX4250 MOTOROLA-MPX4250 Datasheet
145Kb / 8P
INTEGRATED PRESSURE SENSOR 20 to 250 kPa (2.9 to 36.3 psi) 0.2 to 4.9 V OUTPUT
MPX4250D MOTOROLA-MPX4250D Datasheet
148Kb / 8P
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output
MPX5010 MOTOROLA-MPX5010 Datasheet
191Kb / 10P
INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
MPX5050 MOTOROLA-MPX5050 Datasheet
189Kb / 10P
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 50 kPa (0 to 7.25 psi) 0.2 to 4.7 Volts Output
MPX5700 MOTOROLA-MPX5700 Datasheet
148Kb / 8P
INTEGRATED PRESSURE SENSOR 0 to 700 kPa (0 to 101.5 psi) 0.2 to 4.7 V OUTPUT
MPXS4115A MOTOROLA-MPXS4115A Datasheet
100Kb / 6P
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXHZ6130A FREESCALE-MPXHZ6130A Datasheet
199Kb / 8P
INTEGRATED PRESSURE SENSOR 15 TO 130 kPa (2.2 TO 18.9 PSI) 0.2 TO 4.8 V OUTPUT
MPX4250A FREESCALE-MPX4250A Datasheet
258Kb / 12P
INTEGRATED PRESSURE SENSOR 20 TO 250 kPA (2.9 TO 36.3 psi) 0.2 TO 4.9 V OUTPUT
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com