Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCU877ZQL Datasheet(PDF) 7 Page - Texas Instruments

Part # CDCU877ZQL
Description  1.8-V PHASE LOCK LOOP CLOCK DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCU877ZQL Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCU877ZQL Datasheet HTML 3Page - Texas Instruments CDCU877ZQL Datasheet HTML 4Page - Texas Instruments CDCU877ZQL Datasheet HTML 5Page - Texas Instruments CDCU877ZQL Datasheet HTML 6Page - Texas Instruments CDCU877ZQL Datasheet HTML 7Page - Texas Instruments CDCU877ZQL Datasheet HTML 8Page - Texas Instruments CDCU877ZQL Datasheet HTML 9Page - Texas Instruments CDCU877ZQL Datasheet HTML 10Page - Texas Instruments CDCU877ZQL Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.ti.com
Switching Characteristics
CDCU877,, CDCU877A
1.8-V PHASE LOCK LOOP CLOCK DRIVER
SCAS688D – JUNE 2005 – REVISED JULY 2007
over recommended operating free-air temperature range (unless otherwise noted) (see
(1)) AV
DD, VDD = 1.8 V ± 0.1 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ten
Enable time, OE to any Y/Y
See Figure 11
8
ns
tdis
Disable time, OE to any Y/Y
See Figure 11
8
ns
tjit(cc+)
0
40
Cycle-to-cycle period jitter(2)
160 MHz to 190 MHz, see Figure 4
ps
tjit(cc-)
0
-40
tjit(cc+)
0
30
Cycle-to-cycle period jitter(2)
160 MHz to 340 MHz, see Figure 4
ps
tjit(cc-)
0
-30
t(ω)
Static phase offset time(3)
See Figure 5
-50
50
ps
t(ω)dyn
Dynamic phase offset time
See Figure 10
-15
15
ps
tsk(o)
Output clock skew
See Figure 6
35
ps
160 MHz to 190 MHz, see Figure 7
-30
30
tjit(per)
Period jitter (4)(2)
ps
190 MHz to 340 MHz, see Figure 7
-20
20
160 MHz to 190 MHz, see Figure 8
-115
115
190 MHz to 250 MHz, see Figure 8
-70
70
tjit(hper) Half-period jitter
(4) (2)
ps
250 MHz to 300 MHz, see Figure 8
-40
40
300 MHz to 340 MHz, see Figure 8
-60
60
Slew rate, OE
See Figure 3 and Figure 9
0.5
SR
Input clock slew rate
See Figure 3 and Figure 9
1
2.5
4
V/ns
Output clock slew rate(5)(6) (no load)
See Figure 3 and Figure 9
1.5
2.5
3
(VDDQ/2) -
(VDDQ/2) +
CDCU877, See Figure 2
0.1
0.1
VOX
Output differential-pair cross voltage (7)
V
CDCU877A(8), See Figure 2
(VDDQ/2) -
(VDDQ/2) +
(0 - 85
°C)
0.1
0.1
SSC modulation frequency
30
33
kHz
SSC clock input frequency deviation
0%
-0.5%
PLL loop bandwidth
2
MHz
(1)
There are two different terminations that are used with the following tests. The load/board in Figure 2 is used to measure the input and
output differential-pair cross voltage only. The load/board in Figure 3 is used to measure all other tests. For consistency, equal length
cables must be used.
(2)
This parameter is specifieded by design and characterization.
(3)
Phase static offset time does not include jitter.
(4)
Period jitter, half-period jitter specifications are separate specifications that must be met independently of each other.
(5)
The output slew rate is determined from the IBIS model with a 120-
Ω load only.
(6)
To eliminate the impact of input slew rates on static phase offset, the input skew rates of reference clock input CK and CK and feedback
clock inputs FBIN and FBIN are recommended to be nearly equal. The 2.5-V/ns skew rates are shown as a recommended target.
Compliance with these typical values is not mandatory if it can adequately shown that alternative characteristics meet the requirements
of the registered DDR2 DIMM application.
(7)
Output differential-pair cross voltage specified at the DRAM clock input or the test load.
(8)
VOX of CDCU877A is on average 30 mV lower than that of CDCU877 for the same application.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com