Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCU877ZQL Datasheet(PDF) 2 Page - Texas Instruments

Part # CDCU877ZQL
Description  1.8-V PHASE LOCK LOOP CLOCK DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCU877ZQL Datasheet(HTML) 2 Page - Texas Instruments

  CDCU877ZQL Datasheet HTML 1Page - Texas Instruments CDCU877ZQL Datasheet HTML 2Page - Texas Instruments CDCU877ZQL Datasheet HTML 3Page - Texas Instruments CDCU877ZQL Datasheet HTML 4Page - Texas Instruments CDCU877ZQL Datasheet HTML 5Page - Texas Instruments CDCU877ZQL Datasheet HTML 6Page - Texas Instruments CDCU877ZQL Datasheet HTML 7Page - Texas Instruments CDCU877ZQL Datasheet HTML 8Page - Texas Instruments CDCU877ZQL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.ti.com
6
5
A
B
C
D
E
F
3
2
1
G
H
4
Y2
CK
NB
NB
NB
NB
NB
NB
Y1
J
K
NB
Y2
CK
AGND
AV
DD
Y3
GND
GND
GND
GND
Y6
GND
Y7
GND
Y7
OS
FBIN
VDDQ
FBIN
OE
FBOUT
V
DDQ
FBOUT
GND
Y8
GND
NB
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
V
DDQ
37 36 35 34 33
11 12
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
Y7
Y7
VDDQ
FBIN
FBIN
FBOUT
FBOUT
VDDQ
OE
OS
VDDQ
Y2
Y2
CK
CK
VDDQ
AGND
AVDD
VDDQ
GND
38
32
13 14 15 16 17 18
31
40 39
19 20
GND
CDCU877,, CDCU877A
1.8-V PHASE LOCK LOOP CLOCK DRIVER
SCAS688D – JUNE 2005 – REVISED JULY 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
MicroStar Junior (ZQL) Package
(TOP VIEW)
A.
NC = No Connection
B.
NB = No Ball
RHA/RTB Package (MLF PAckage
(TOP VIEW)
40-pin HP-VFQFP-N (6,0 x 6,0 mm Body Size,
0,5 mm Pitch, M0#220, Variation VJJD-2,
E2 = D2 = 2,9 mm
± 0,15 mm) Package Pinouts
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com