Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCU877AGQL Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCU877AGQL
Description  1.8-V PHASE LOCK LOOP CLOCK DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCU877AGQL Datasheet(HTML) 1 Page - Texas Instruments

  CDCU877AGQL Datasheet HTML 1Page - Texas Instruments CDCU877AGQL Datasheet HTML 2Page - Texas Instruments CDCU877AGQL Datasheet HTML 3Page - Texas Instruments CDCU877AGQL Datasheet HTML 4Page - Texas Instruments CDCU877AGQL Datasheet HTML 5Page - Texas Instruments CDCU877AGQL Datasheet HTML 6Page - Texas Instruments CDCU877AGQL Datasheet HTML 7Page - Texas Instruments CDCU877AGQL Datasheet HTML 8Page - Texas Instruments CDCU877AGQL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.ti.com
FEATURES
DESCRIPTION
CDCU877,, CDCU877A
1.8-V PHASE LOCK LOOP CLOCK DRIVER
SCAS688D – JUNE 2005 – REVISED JULY 2007
• Low Static Phase Offset: ±50 ps
• 1.8-V Phase Lock Loop Clock Driver for
• Distributes One Differential Clock Input to Ten
Double Data Rate (DDR II) Applications
Differential Outputs
• Spread Spectrum Clock Compatible
• 52-Ball μBGA (MicroStar™ Junior BGA,
0,65-mm pitch) and 40-Pin MLF
• Operating Frequency: 10 MHz to 400 MHz
• External Feedback Pins (FBIN, FBIN) are Used
• Low Current Consumption: <135 mA
to Synchronize the Outputs to the Input
• Low Jitter (Cycle-Cycle): ±30 ps
Clocks
• Low Output Skew: 35 ps
• Meets or Exceeds JESD82-8 PLL Standard for
• Low Period Jitter: ±20 ps
PC2-3200/4300
• Low Dynamic Phase Offset: ±15 ps
• Fail-Safe Inputs
The CDCU877 is a high-performance, low-jitter, low-skew, zero-delay buffer that distributes a differential clock
input pair (CK, CK) to ten differential pairs of clock outputs (Yn, Yn) and to one differential pair of feedback clock
outputs (FBOUT, FBOUT). The clock outputs are controlled by the input clocks (CK, CK), the feedback clocks
(FBIN, FBIN), the LVCMOS control pins (OE, OS), and the analog power input (AVDD). When OE is low, the
clock outputs, except FBOUT/FBOUT, are disabled while the internal PLL continues to maintain its locked-in
frequency. OS (output select) is a program pin that must be tied to GND or VDD. When OS is high, OE functions
as previously described. When OS and OE are both low, OE has no affect on Y7/Y7, they are free running.
When AVDD is grounded, the PLL is turned off and bypassed for test purposes.
When both clock inputs (CK, CK) are logic low, the device enters in a low power mode. An input logic detection
circuit on the differential inputs, independent from input buffers, detects the logic low level and performs in a low
power state where all outputs, the feedback, and the PLL are off. When the clock inputs transition from being
logic low to being differential signals, the PLL turns back on, the inputs and the outputs are enabled, and the
PLL obtains phase lock between the feedback clock pair (FBIN, FBIN) and the clock input pair (CK, CK) within
the specified stabilization time.
The CDCU877 is able to track spread spectrum clocking (SSC) for reduced EMI. This device operates from
—40
°C to 85°C.
ORDERING INFORMATION
TA
52-BALL BGA (1)
40-Pin MLF
CDCU877ZQL
CDCU877RHA
CDCU877AZQL
CDCU877ARHA
-40
°C to 85°C
CDCU877GQL
CDCU877RTB
CDCU877AGQL
CDCU877ARTB
(1)
For the most current package and ordering information, see the
Package Option Addendum at the end of this document, or see the
TI website at www.ti.com.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
MicroStar is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCU877AGQL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCU877AGQL TI-CDCU877AGQL Datasheet
410Kb / 17P
1.8V PHASE LOCK LOOP CLOCK DRIVER
CDCU877AGQL TI-CDCU877AGQL Datasheet
945Kb / 23P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877AGQL TI1-CDCU877AGQL Datasheet
1Mb / 23P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877AGQL TI-CDCU877AGQL Datasheet
1Mb / 23P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877AGQL TI2-CDCU877AGQL Datasheet
1Mb / 23P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
REVISED JULY 2007
More results

Similar Description - CDCU877AGQL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCU2A877 TI-CDCU2A877 Datasheet
370Kb / 14P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCUA877 TI-CDCUA877 Datasheet
579Kb / 16P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCUA877 TI-CDCUA877_1 Datasheet
615Kb / 16P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU2A877 TI-CDCU2A877_1 Datasheet
613Kb / 16P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877ZQLT TI-CDCU877ZQLT Datasheet
945Kb / 23P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877 TI1-CDCU877_15 Datasheet
1Mb / 24P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877 TI1-CDCU877_17 Datasheet
1Mb / 23P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU2A877 TI-CDCU2A877_V01 Datasheet
613Kb / 16P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877 TI-CDCU877_V01 Datasheet
1Mb / 23P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCUA877 TI-CDCUA877_V01 Datasheet
615Kb / 16P
1.8-V PHASE LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com