Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCU877AGQL Datasheet(PDF) 3 Page - Texas Instruments

Part # CDCU877AGQL
Description  1.8-V PHASE LOCK LOOP CLOCK DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCU877AGQL Datasheet(HTML) 3 Page - Texas Instruments

  CDCU877AGQL Datasheet HTML 1Page - Texas Instruments CDCU877AGQL Datasheet HTML 2Page - Texas Instruments CDCU877AGQL Datasheet HTML 3Page - Texas Instruments CDCU877AGQL Datasheet HTML 4Page - Texas Instruments CDCU877AGQL Datasheet HTML 5Page - Texas Instruments CDCU877AGQL Datasheet HTML 6Page - Texas Instruments CDCU877AGQL Datasheet HTML 7Page - Texas Instruments CDCU877AGQL Datasheet HTML 8Page - Texas Instruments CDCU877AGQL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.ti.com
CDCU877,, CDCU877A
1.8-V PHASE LOCK LOOP CLOCK DRIVER
SCAS688D – JUNE 2005 – REVISED JULY 2007
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
GQL/ZQL
RHA/RTB
AGND
G1
7
Analog ground
AVDD
H1
8
Analog power
CK
E1
4
I
Clock input with a (10 k
Ω to 100 kΩ) pulldown resistor
Complementary clock input with a (10 k
Ω to 100 kΩ) pulldown
CK
F1
5
I
resistor
FBIN
E6
27
I
Feedback clock input
FBIN
F6
26
I
Complementary feedback clock input
FBOUT
H6
24
O
Feedback clock output
FBOUT
G6
25
O
Complementary feedback clock output
OE
F5
22
I
Output enable (asynchronous)
OS
D5
21
I
Output select (tied to GND or VDD)
B2, B3, B4, B5,
GND
C2, C5, H2, H5,
10
Ground
J2, J3, J4, J5
D2, D3, D4, E2,
1, 6, 9, 15, 20, 23,
VDDQ
E5, F2, G2, G3,
Logic and output power
28, 31, 36
G4, G5
A2, A1, D1, J1, K3,
3, 11, 14, 16, 19,
Y[0:9]
O
Clock outputs
A5, A6, D6, J6, K4
29, 33, 34, 38, 39
A3, B1, C1, K1,
2, 12, 13, 18, 17,
Y[0:9]
K2, A4, B6, C6,
O
Complementary clock outputs
30, 32, 35, 37, 40
K6, K5
FUNCTION TABLE
INPUTS
OUTPUTS
AVDD
OE
OS
CK
CK
Y
Y
FBOUT
FBOUT
PLL
GND
H
X
L
H
L
H
L
H
Bypassed/Off
GND
H
X
H
L
H
L
H
L
Bypassed/Off
GND
L
H
L
H
LZ
LZ
L
H
Bypassed/Off
LZ
LZ
GND
L
L
H
L
H
L
Bypassed/Off
Y7 Active
Y7 Active
1.8 V Nominal
L
H
L
H
LZ
LZ
L
H
On
LZ
LZ
1.8 V Nominal
L
L
H
L
H
L
On
Y7 Active
Y7 Active
1.8 V Nominal
H
X
L
H
L
H
L
H
On
1.8 V Nominal
H
X
H
L
H
L
H
L
On
1.8 V Nominal
X
X
L
L
LZ
LZ
LZ
LZ
Off
X
X
X
H
H
Reserved
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com