Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317S/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM317S/NOPB
Description  LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 7Page - Texas Instruments LM317S/NOPB Datasheet HTML 8Page - Texas Instruments LM317S/NOPB Datasheet HTML 9Page - Texas Instruments LM317S/NOPB Datasheet HTML 10Page - Texas Instruments LM317S/NOPB Datasheet HTML 11Page - Texas Instruments LM317S/NOPB Datasheet HTML 12Page - Texas Instruments LM317S/NOPB Datasheet HTML 13Page - Texas Instruments LM317S/NOPB Datasheet HTML 14Page - Texas Instruments LM317S/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
LM117, LM317-N
www.ti.com
SNVS774L – MAY 2004 – REVISED FEBRUARY 2011
D1 protects against C1
D2 protects against C2
Figure 27. Regulator with Protection Diodes
Heatsink Requirements
The LM317-N regulators have internal thermal shutdown to protect the device from over-heating. Under all
operating conditions, the junction temperature of the LM317-N should not exceed the rated maximum junction
temperature (TJ) of 150°C for the LM117, or 125°C for the LM317A and LM317-N. A heatsink may be required
depending on the maximum device power dissipation and the maximum ambient temperature of the application.
To determine if a heatsink is needed, the power dissipated by the regulator, PD, must be calculated:
PD = ((VIN − VOUT) × IL) + (VIN × IG)
(2)
Figure 28 shows the voltage and currents which are present in the circuit.
The next parameter which must be calculated is the maximum allowable temperature rise, TR(MAX):
TR(MAX) = TJ(MAX) − TA(MAX)
(3)
where TJ(MAX) is the maximum allowable junction temperature (150°C for the LM117, or 125°C for the
LM317A/LM317-N), and TA(MAX) is the maximum ambient temperature which will be encountered in the
application.
Using the calculated values for TR(MAX) and PD, the maximum allowable value for the junction-to-ambient thermal
resistance (
θJA) can be calculated:
θJA = (TR(MAX) / PD)
(4)
Figure 28. Power Dissipation Diagram
If the calculated maximum allowable thermal resistance is higher than the actual package rating, then no
additional work is needed. If the calculated maximum allowable thermal resistance is lower than the actual
package rating either the power dissipation (PD) needs to be reduced, the maximum ambient temperature TA(MAX)
needs to be reduced, the thermal resistance (
θJA) must be lowered by adding a heatsink, or some combination of
these.
If a heatsink is needed, the value can be calculated from the formula:
θHA ≤ (θJA - (θCH + θJC))
(5)
Copyright © 2004–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM117 LM317-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com