Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317S/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM317S/NOPB
Description  LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 9Page - Texas Instruments LM317S/NOPB Datasheet HTML 10Page - Texas Instruments LM317S/NOPB Datasheet HTML 11Page - Texas Instruments LM317S/NOPB Datasheet HTML 12Page - Texas Instruments LM317S/NOPB Datasheet HTML 13Page - Texas Instruments LM317S/NOPB Datasheet HTML 14Page - Texas Instruments LM317S/NOPB Datasheet HTML 15Page - Texas Instruments LM317S/NOPB Datasheet HTML 16Page - Texas Instruments LM317S/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LM117, LM317-N
www.ti.com
SNVS774L – MAY 2004 – REVISED FEBRUARY 2011
As shown in Figure 31, increasing the copper area beyond 1 square inch produces very little improvement. It
should also be observed that the minimum value of
θ(J−A) for the TO-263 package mounted to a PCB is 32°C/W.
Figure 31.
θ(J−A) vs Copper (1 ounce) Area for the TO-263 Package
As a design aid, Figure 32 shows the maximum allowable power dissipation compared to ambient temperature
for the TO-263 device (assuming
θ(J−A) is 35°C/W and the maximum junction temperature is 125°C).
Figure 32. Maximum Power Dissipation vs TAMB for the TO-263 Package
Heatsinking the PFM Package
If the maximum allowable value for
θJA is found to be ≥103°C/W (Typical Rated Value) for PFM package, no
heatsink is needed since the package alone will dissipate enough heat to satisfy these requirements. If the
calculated value for
θJA falls below these limits, a heatsink is required.
As a design aid, Table 1 shows the value of the
θJA of PFM for different heatsink area. The copper patterns that
we used to measure these
θJAs are shown in Figure 37. Figure 33 reflects the same test results as what are in
Table 1.
Figure 34 shows the maximum allowable power dissipation vs. ambient temperature for the PFM device.
Figure 35 shows the maximum allowable power dissipation vs. copper area (in2) for the PFM device. Please see
AN-1028 (literature number SNVA036) for thermal enhancement techniques to be used with SOT-223 and PFM
packages.
Copyright © 2004–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM117 LM317-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com