Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2941CS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2941CS
Description  LM2941/LM2941C 1A Low Dropout Adjustable Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941CS Datasheet(HTML) 3 Page - Texas Instruments

  LM2941CS Datasheet HTML 1Page - Texas Instruments LM2941CS Datasheet HTML 2Page - Texas Instruments LM2941CS Datasheet HTML 3Page - Texas Instruments LM2941CS Datasheet HTML 4Page - Texas Instruments LM2941CS Datasheet HTML 5Page - Texas Instruments LM2941CS Datasheet HTML 6Page - Texas Instruments LM2941CS Datasheet HTML 7Page - Texas Instruments LM2941CS Datasheet HTML 8Page - Texas Instruments LM2941CS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LM2941, LM2941C
www.ti.com
SNVS770G – JUNE 1999 – REVISED APRIL 2013
Electrical Characteristics—LM2941T, LM2941S, LM2941LD (continued)
5V
≤ VO ≤ 20V, VIN = VO + 5V, CO = 22μF, unless otherwise specified. Specifications in standard typeface apply for TJ = 25°C,
while those in boldface type apply over the full Operating Temperature Range.
LM2941T
LM2941S
Units
Parameter
Conditions
Typ
LM2941LD
(Limits)
Limit
10Hz–100kHz
RMS Output Noise, % of VOUT
0.003
%
IO = 5mA
Ripple Rejection
fO = 120Hz, 1 Vrms, IL = 100mA
0.005
0.02/0.04
%/V(max)
Long Term Stability
0.4
%/1000 Hr
IO = 1A
0.5
0.8/1.0
V(max)
Dropout Voltage
IO = 100mA
110
200/200
mV(max)
Short Circuit Current
VIN Max = 26V
(2)
1.9
1.6
A(min)
Maximum Line Transient
VO Max 1V Above Nominal VO
75
60/60
V(min)
RO = 100, t ≤ 100ms
Maximum Operational Input Voltage
31
26/26
VDC
Reverse Polarity
RO = 100, VO ≥ −0.6V
−30
−15/−15
V(min)
DC Input Voltage
Reverse Polarity
t
≤ 100ms, RO = 100Ω
−75
−50/−50
V(min)
Transient Input Voltage
ON/OFF Threshold
IO ≤ 1A
1.30
0.80/0.80
V(max)
Voltage ON
ON/OFF Threshold
IO ≤ 1A
1.30
2.00/2.00
V(min)
Voltage OFF
ON/OFF Threshold
VON/OFF = 2.0V, IO ≤ 1A
50
100/300
μA(max)
Current
(2)
Output current capability will decrease with increasing temperature, but will not go below 1A at the maximum specified temperatures.
Electrical Characteristics—LM2941CT, LM2941CS
5V
≤ VO ≤ 20V, VIN = VO + 5V, CO = 22μF, unless otherwise specified. Specifications in standard typeface apply for TJ = 25°C,
while those in boldface type apply over the full Operating Temperature Range.
Limit
Units
Parameter
Conditions
Typ
(1)
(Limits)
1.237/1.211
V(min)
Reference Voltage
5mA
≤ IO ≤ 1A
(2)
1.275
1.313/1.339
V(max)
Line Regulation
VO + 2V ≤ VIN ≤ 26V, IO = 5mA
4
10
mV/V(max)
Load Regulation
50mA
≤ IO ≤ 1A
7
10
mV/V(max)
100 mADC and 20 mArms
Output Impedance
7
m
Ω/V
fO = 120Hz
VO + 2V ≤ VIN < 26V, IO = 5mA
10
15
mA(max)
Quiescent Current
VIN = VO + 5V, IO = 1A
30
45/60
mA(max)
RMS Output Noise,
10Hz–100kHz
0.003
%
% of VOUT
IO = 5mA
Ripple Rejection
fO = 120Hz, 1 Vrms, IL = 100mA
0.005
0.02
%/V(max)
Long Term Stability
0.4
%/1000 Hr
IO = 1A
0.5
0.8/1.0
V(max)
Dropout Voltage
IO = 100mA
110
200/200
mV(max)
Short Circuit Current
VIN Max = 26V
(3)
1.9
1.6
A(min)
(1)
All limits specified at room temperature (standard typeface) and at temperature extremes (boldface type). All room temperature limits are
100% production tested. All limits at temperature extremes are ensured via correlation using standard Statistical Quality Control (SQC)
methods.
(2)
The output voltage range is 5V to 20V and is determined by the two external resistors, R1 and R2. See Typical Application Circuit.
(3)
Output current capability will decrease with increasing temperature, but will not go below 1A at the maximum specified temperatures.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2941 LM2941C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com