Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2941CS Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM2941CS
Description  LM2941/LM2941C 1A Low Dropout Adjustable Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941CS Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2941CS Datasheet HTML 7Page - Texas Instruments LM2941CS Datasheet HTML 8Page - Texas Instruments LM2941CS Datasheet HTML 9Page - Texas Instruments LM2941CS Datasheet HTML 10Page - Texas Instruments LM2941CS Datasheet HTML 11Page - Texas Instruments LM2941CS Datasheet HTML 12Page - Texas Instruments LM2941CS Datasheet HTML 13Page - Texas Instruments LM2941CS Datasheet HTML 14Page - Texas Instruments LM2941CS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
0
20
40
60
80
100
0
1
2
3
4
5
6
AMBIENT TEMPERATURE (°C)
LM2941LD (LLP)
JA= 35°C/W
JA= 40°C/W
JA= 49°C/W
JA= 58°C/W
LM2941, LM2941C
www.ti.com
SNVS770G – JUNE 1999 – REVISED APRIL 2013
For the LM2941LD in the NGN 8-Lead WSON package, the junction-to-case thermal rating,
θJC, is 5.3°C/W,
where the CASE is defined as the bottom of the package at the center of the DAP area. The junction-to-ambient
thermal performance for the LM2941LD in the NGN 8-Lead WSON package, using the JEDEC JESD51
standards is summarized in the following table:
Board
Thermal
θJC
θJA
Type
Vias
JEDEC
2-Layer
None
5.3°C/W
181°C/W
JESD 51-3
1
5.3°C/W
58°C/W
JEDEC
2
5.3°C/W
49°C/W
4-Layer
4
5.3°C/W
40°C/W
JESD 51-7
6
5.3°C/W
35°C/W
Figure 22. PD(MAX) vs TA for LM2941LD (WSON)
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2941 LM2941C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com