Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC2-D65 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LC2-D65
Description  CONTACTORS / REVERSING CONTACTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LC2-D65 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LC2-D65 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC2-D65 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC2-D65 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC2-D65 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC2-D65 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC2-D65 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC2-D65 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC2-D65 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LC1/LC2 - D40 D50 D65 D80 D95
4
Encombrements/Bobines
DIMENSIONS/COILS
ABMESSUNGEN/SPULEN
LC1-D40/50/65/80/95
(mm) a
LC1D40…65
LC1D80…95
LC2D40…65
LC2D80…95
3P
c a
75
85
165
182
LC2-D40/50/65/80/95
DIMENSIONI D'INCOMBRO/BOBINE
DIMENSIONES/BOBINAS
ATRAVANCAMENTOS/BOBINAS
A1
A1
A2
A2
LA9 D511
LXiD
LXiD
BTR N
° 3
LX1
c
LX4
a
c : 0,7 daNm
c : 0,7 daNm
40
3 x
∅6,5
∅6,5
s
a
12,5
12,5
=
=
6 x
∅6,5
∅6,5
s
40
G
a
12,5
=
40
12,5
=
G1
==
c
c4
c3
c1 (1)
c5 (LA6-DK)
c2* (2)
(mm)
c LCiD40…65
c LCiD80…95
a LC1D40…65
a LC1D80…95
c
114
125
171
181
c4
116
127
173
183
3P
c1
146
153
202
210
c5
157
165
213
221
c2
165
176
221
229
(mm)
LC2D40…65
LC2D80…95
e1
5
13
c3
142
158
G
50
57
3P
* + 4 mm (LA9 D901)
(mm) 1 inch = 25,4 mm
G1
90
96
LA8 DN
LAD 8N
(1):LADN LADC LA1D
(2):LADR LADT LADS LA2D LA3D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com