Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC2-D65 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # LC2-D65
Description  CONTACTORS / REVERSING CONTACTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LC2-D65 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  LC2-D65 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC2-D65 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC2-D65 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC2-D65 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC2-D65 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC2-D65 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC2-D65 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC2-D65 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LC1/LC2 - D40 D50 D65 D80 D95
8
LC1/LC2
LC1/LC2
LC2
LAD 8N11/LA8 DN11
LAD 8N20/LA8 DN20
Un
LADNi/LA1Di
LADTi/LA2Di
LADRi/LA3Di
LA6DKi
LAD8N/LA8DN
LC1 D40…95
a
0,8 - 1,1
i
i
i
i
i
i
i
i
i
i
i
i
i
i
i
i
i
0,8 - 1,1
0,85 - 1,1
0,8 - 1,1
c
50-60 Hz
50 Hz
60 Hz
LC1 D40…95
LC2 D40…95
A1
A2
++
1
1
2
2
NC
61/
62/
53/
54/
63/
64/
53/
54/
NO
NO
NO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com