Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2052V Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA2052V
Description  60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2052V Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA2052V Datasheet HTML 6Page - STMicroelectronics TDA2052V Datasheet HTML 7Page - STMicroelectronics TDA2052V Datasheet HTML 8Page - STMicroelectronics TDA2052V Datasheet HTML 9Page - STMicroelectronics TDA2052V Datasheet HTML 10Page - STMicroelectronics TDA2052V Datasheet HTML 11Page - STMicroelectronics TDA2052V Datasheet HTML 12Page - STMicroelectronics TDA2052V Datasheet HTML 13Page - STMicroelectronics TDA2052V Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
OUTLINE AND
MECHANICAL DATA
L2
L3
E
D
V5
CA
F
L7
L6
L4
H2
F
L5
L10
L11
H3
HEPTHMEC.EPS
Dia.
L1
L9
G
G1
G2
H2
D1
E1
F
E
Resin between
leads
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.80
0.188
C
1.37
0.054
D
2.40
2.80
0.094
0.11
D1
1.20
1.35
0.047
0.053
E
0.35
0.55
0.014
0.022
E1
0.70
0.97
0.03
0.036
F
0.60
0.80
0.024
0.031
G
2.34
2.54
2.74
0.092
0.1
0.108
G1
4.88
5.08
5.28
0.192
0.2
0.208
G2
7.42
7.62
7.8
0.292
0.3
0.307
H2
10.40
0.41
H3
10.05
10.40
0.395
0.409
L1
3.90
4.20
4.50
0.153
0.165
0.177
L2
18.10
18.40
18.70
0.712
0.724
0.736
L3
4.88
5.08
5.28
0.192
0.2
0.208
L4
1.29
0.05
L5
2.60
3.00
0.102
0.118
L6
15.10
15.80
0.594
0.622
L7
6.00
6.60
0.236
0.260
L9
3.9
4.2
4.5
0.153
0.165
0.177
L10
2.10
2.70
0.083
0.106
L13
4.30
4.80
0.169
0.189
V5
89˚ (Min.), 90˚ (Typ.), 91˚ (Max.)
DIA
3.65
3.85
0.143
0.151
Heptawatt H
0080180
TDA2052
13/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com