Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS555CDT Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS555CDT
Description  Low power single CMOS timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS555CDT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS555CDT Datasheet HTML 3Page - STMicroelectronics TS555CDT Datasheet HTML 4Page - STMicroelectronics TS555CDT Datasheet HTML 5Page - STMicroelectronics TS555CDT Datasheet HTML 6Page - STMicroelectronics TS555CDT Datasheet HTML 7Page - STMicroelectronics TS555CDT Datasheet HTML 8Page - STMicroelectronics TS555CDT Datasheet HTML 9Page - STMicroelectronics TS555CDT Datasheet HTML 10Page - STMicroelectronics TS555CDT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TS555
Electrical characteristics
7/20
Table 6.
Dynamic electrical characteristics
VCC = +3 V, Tamb = +25° C, Reset to VCC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Timing accuracy (monostable)(1)
R = 10 k
Ω, C = 0.1 µF
VCC =2V
VCC =3V
1.
See Figure 4.
1
1
%
Timing shift with supply voltage variations
(monostable)
R = 10 k
Ω, C = 0.1 µF, VCC = 3 V ± 0.3 V (1)
0.5
%/V
Timing shift with temperature (1)
Tmin. ≤Tamb ≤Tmax.5
75
ppm/°C
fmax
Maximum astable frequency (2)
RA = 470 Ω, RB = 200 Ω, C = 200 pF
2.
See Figure 6.
2
MHz
Astable frequency accuracy (2)
RA = RB = 1 kΩ to 100 kΩ, C = 0.1 µF
5
%
Timing shift with supply voltage variations
(astable mode) (2)
RA = RB = 1 kΩ to 100 kΩ, C = 0.1 µF,
VCC = 3 to 5 V
0.5
%/V
tR
Output rise time (Cload = 10 pF)
25
ns
tF
Output fall time (Cload = 10 pF)
20
-
ns
tPD
Trigger propagation delay
100
ns
tRPW
Minimum reset pulse width (Vtrig = 3 V)
350
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com