Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS555CDT Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS555CDT
Description  Low power single CMOS timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS555CDT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS555CDT Datasheet HTML 12Page - STMicroelectronics TS555CDT Datasheet HTML 13Page - STMicroelectronics TS555CDT Datasheet HTML 14Page - STMicroelectronics TS555CDT Datasheet HTML 15Page - STMicroelectronics TS555CDT Datasheet HTML 16Page - STMicroelectronics TS555CDT Datasheet HTML 17Page - STMicroelectronics TS555CDT Datasheet HTML 18Page - STMicroelectronics TS555CDT Datasheet HTML 19Page - STMicroelectronics TS555CDT Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Ordering information
TS555
18/20
6
Ordering information
Table 14.
Order codes
Order code
Temperature range
Package
Packaging
Marking
TS555CN
0°C, +70°C
DIP8
Tube
TS555CN
TS555CD
TS555CDT
SO-8
Tube or
Tape & reel
555C
TS555CPT
TSSOP8
Tape & reel
555C
TS555IN
-40°C, +125°C
DIP8
Tube
TS555IN
TS555ID
TS555IDT
SO-8
Tube or
Tape & reel
555I
TS555IPT
TSSOP8
Tape & reel
555I
TS555MN
-55°C, +125°C
DIP8
Tube
TS555CM
TS555MD
TS555MDT
SO-8
Tube or
Tape & reel
555M
TS555MPT
TSSOP8
Tape & reel
555M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com